Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145157DW2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145157DW2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145157DW2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145157DW2 Datasheet HTML 3Page - Motorola, Inc MC145157DW2 Datasheet HTML 4Page - Motorola, Inc MC145157DW2 Datasheet HTML 5Page - Motorola, Inc MC145157DW2 Datasheet HTML 6Page - Motorola, Inc MC145157DW2 Datasheet HTML 7Page - Motorola, Inc MC145157DW2 Datasheet HTML 8Page - Motorola, Inc MC145157DW2 Datasheet HTML 9Page - Motorola, Inc MC145157DW2 Datasheet HTML 10Page - Motorola, Inc MC145157DW2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
7
portion of the cycle). MC is then set back low, the counters
preset to their respective programmed values, and the above
sequence repeated. This provides for a total programmable
divide value (NT) = N P + A where P and P + 1 represent the
dual–modulus prescaler divide values respectively for high
and low MC levels, N the number programmed into the
÷ N
counter, and A the number programmed into the
÷ A counter.
LD
Lock Detector Output (Pin 28)
Essentially a high level when loop is locked (fR, fV of same
phase and frequency). Pulses low when loop is out of lock.
POWER SUPPLY
VDD
Positive Power Supply (Pin 3)
The positive power supply potential. This pin may range
from + 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 2)
The most negative supply potential. This pin is usually
ground.
TYPICAL APPLICATIONS
Figure 1. Synthesizer for Land Mobile Radio VHF Bands
NOTES:
1. Off–chip oscillator optional.
2. The
φR and φV outputs are fed to an external combiner/loop filter. See the Phase–Locked Loop — Low–Pass Filter
Design page for additional information. The
φR and φV outputs swing rail–to–rail. Therefore, the user should be careful
not to exceed the common mode input range of the op amp used in the combiner/loop filter.
LOCK DETECT SIGNAL
10.24 MHz
NOTE 1
R1
MC33171
NOTE 2
+
150 – 175 MHz
5 kHz STEPS
MC12017
÷ 64/65 PRESCALER
MC145152–2
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φR
φV
fin
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1”
“1”
“1”
NO CONNECTS
CHANNEL PROGRAMMING


Similar Part No. - MC145157DW2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145157DW2 LANSDALE-MC145157DW2 Datasheet
536Kb / 35P
   PLL Frequency Synthesizer Family
More results

Similar Description - MC145157DW2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com