Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SC-1 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2305SC-1
Description  CY2305 and CY2309 as PCI and SDRAM Buffers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SC-1 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2305SC-1 Datasheet HTML 1Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 2Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 3Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 4Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2305SC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY2305 and CY2309 as PCI and SDRAM Buffers
4
Product Information
The CY2305 Zero Delay Buffer
The CY2305 is a 3.3-volt, five output zero delay buffer in an
8-pin 150-mil SOIC package. This part is intended for buffer-
ing one clock into five clocks for PCI buffering or four clocks
for use with 1 SDRAM module. The CY2305 is the simplest
and easiest to use part in the Cypress zero delay buffer family.
For a discussion of the special features of the CY2305 see
the special features section of this application note, or for the
complete specifications on the CY2305 please refer to the
CY2305/CY2309 data sheet.
The CY2309 Zero Delay Buffer
The CY2309 is a 3.3-volt, nine output zero delay buffer in a
16-pin 150-mil SOIC package. This part is intended for buff-
ering one clock into 9 clocks for PCI buffering or eight clocks
for use with 2 SDRAM modules. For the complete specifica-
tions please refer to the CY2305/CY2309 data sheet.
The CY2309 has several options for shutting down the output
banks or completely shutting down the part to conserve pow-
er. As shown in the table below, the inputs S1 and S2 control
which output banks are driven and the state of the PLL. You
will notice that the CLKOUT output is always driven. This is
because the PLL must have the CLKOUT pin running in order
to maintain phase lock. The CY2309 will also go into a power
down state if the input reference stops as described in the
“Special Features of the Cypress Zero Delay Buffers” section.
VCO
REF
CLK1
CLK2
CLK3
CLK4
CLKOUT
LP
Filter
Phase
Detector
PLL
1
2
3
45
8
7
6
REF
CLK2
CLK1
GND
VDD
CLKOUT
CLK4
CLK3
SOIC
Top View
VCO
EF
CLKA1
CLKA2
CLKA3
CLKA4
CLKOUT
LP
Filter
Phase
Detector
PLL
MUX
Select Input
Decoding
S2
S1
CLKB1
CLKB2
CLKB3
CLKB4
1
2
3
4
13
16
15
14
REF
CLKA1
CLKA2
VDD
CLKA3
CLKOUT
CLKA4
VDD
SOIC
Top View
5
6
7
8
GND
CLKB1
CLKB2
S2
9
12
11
10
CLKB3
GND
CLKB4
S1
Select Input Decoding for CY2309
S2
S1
CLOCK A1–A4
CLOCK B1–B4
CLKOUT[1]
Output Source
PLL Shutdown
0
0
Three-State
Three-State
Driven
PLL
N
0
1
Driven
Three-State
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Note:
1. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the delay between the
reference and the CLKA/CLKB outputs.


Similar Part No. - CY2305SC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
More results

Similar Description - CY2305SC-1

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2410 PERICOM-PI6C2410 Datasheet
85Kb / 6P
   PCI-X Clock Buffers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Elpida Memory
EDS2516JEBH-75R3 ELPIDA-EDS2516JEBH-75R3 Datasheet
720Kb / 50P
   256M bits AS SDRAM
logo
Renesas Technology Corp
ICS93738 RENESAS-ICS93738 Datasheet
343Kb / 10P
   DDR and SDRAM Buffer
2019
logo
Integrated Circuit Syst...
ICS93738 ICST-ICS93738 Datasheet
67Kb / 8P
   DDR and SDRAM Buffer
logo
Renesas Technology Corp
ICS93718 RENESAS-ICS93718 Datasheet
231Kb / 10P
   DDR and SDRAM Buffer
02/11/07
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com