Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD60N550U1-1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NDD60N550U1-1G
Description  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD60N550U1-1G Datasheet(HTML) 7 Page - ON Semiconductor

  NDD60N550U1-1G Datasheet HTML 1Page - ON Semiconductor NDD60N550U1-1G Datasheet HTML 2Page - ON Semiconductor NDD60N550U1-1G Datasheet HTML 3Page - ON Semiconductor NDD60N550U1-1G Datasheet HTML 4Page - ON Semiconductor NDD60N550U1-1G Datasheet HTML 5Page - ON Semiconductor NDD60N550U1-1G Datasheet HTML 6Page - ON Semiconductor NDD60N550U1-1G Datasheet HTML 7Page - ON Semiconductor NDD60N550U1-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NDD60N550U1
http://onsemi.com
7
PACKAGE DIMENSIONS
12
3
4
V
S
A
K
−T−
SEATING
PLANE
R
B
F
G
D 3 PL
M
0.13 (0.005)
T
C
E
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.090 BSC
2.29 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.350
0.380
8.89
9.65
R
0.180
0.215
4.45
5.45
S
0.025
0.040
0.63
1.01
V
0.035
0.050
0.89
1.27
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
Z
Z
0.155
−−−
3.93
−−−
IPAK
CASE 369D
ISSUE C
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
3.5 MM IPAK, STRAIGHT LEAD
CASE 369AD
ISSUE B
b
D
L
E
E3
L2
b1
e
3X
A1
A
A1
A2
DIM
MIN
MAX
MILLIMETERS
A
2.19
2.38
A1
0.46
0.60
A2
0.87
1.10
b
0.69
0.89
b1
0.77
1.10
D
5.97
6.22
e
2.28 BSC
D2
4.80
−−−
E
6.35
6.73
E2
4.57
5.45
E3
4.45
5.46
L
3.40
3.60
L1
−−−
2.10
NOTES:
1.. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2.. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30mm FROM TERMINAL TIP.
4. DIMENSIONS D AND E DO NOT INCLUDE
MOLD GATE OR MOLD FLASH.
T
SEATING
D2
E2
OPTIONAL
CONSTRUCTION
PLANE
L1
L2
0.89
1.27
2X
M
0.13
T
D2
E2
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN


Similar Part No. - NDD60N550U1-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD60N550U1-1G ONSEMI-NDD60N550U1-1G Datasheet
109Kb / 6P
   N-Channel Power MOSFET
October, 2012 ??Rev. P1
More results

Similar Description - NDD60N550U1-1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com