Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6360FCCT2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP6360FCCT2G
Description  Mini Buck Converter for RF Power Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6360FCCT2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP6360FCCT2G Datasheet HTML 6Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 7Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 8Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 9Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 10Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 11Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 12Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 13Page - ON Semiconductor NCP6360FCCT2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP6360
http://onsemi.com
10
TYPICAL OPERATING CHARACTERISTICS
PVIN = EN = 3.6 V, L = 0.47 mH, COUT = 4.7 mF, CIN = 10 mF, Fsw = 6 MHz, TA = 25°C (unless otherwise noted)
Figure 27. 6 MHz, Switching Frequency
vs. Temperature (TA)
Figure 28. Transient, VOUT vs. VCON, RL = 10 W,
VOUT = 0.4 V to 3.6 V, PVIN = 3.9 V w/ TR = 7 ms,
TF = 10 ms
Figure 29. Output Voltage Waveforms in
PFM Mode IOUT = 100 mA, PVIN = 3.6 V,
VOUT = 2.5 V, COUT = 4.7 mF
Figure 30. Output Voltage Waveforms in PFM
Mode IOUT = 100 mA, PVIN = 3.6 V, VOUT = 2.5 V,
COUT = 2 x 4.7 mF
Figure 31. Line Transient Response < 20 mV
Peak, PVIN = 3.6 V to 4.1 V, RL = 8 W, VOUT = 1.8 V
Figure 32. Load Transient Response w/ DVmeas <
50 mV Peak, IOUT = 50 to 150 mA, VOUT = 2.5 V


Similar Part No. - NCP6360FCCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
NCP6361AFCCT1G ONSEMI-NCP6361AFCCT1G Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
NCP6361BFCCT1G ONSEMI-NCP6361BFCCT1G Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
More results

Similar Description - NCP6360FCCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
   Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
LC74735YW ONSEMI-LC74735YW Datasheet
344Kb / 52P
   Mini Buck Converter for RF Power Amplifiers
July, 2013
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
   Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
   Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
   Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
   3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com