Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4547 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4547
Description  Advanced Load Management
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4547 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4547 Datasheet HTML 1Page - ON Semiconductor NCP4547 Datasheet HTML 2Page - ON Semiconductor NCP4547 Datasheet HTML 3Page - ON Semiconductor NCP4547 Datasheet HTML 4Page - ON Semiconductor NCP4547 Datasheet HTML 5Page - ON Semiconductor NCP4547 Datasheet HTML 6Page - ON Semiconductor NCP4547 Datasheet HTML 7Page - ON Semiconductor NCP4547 Datasheet HTML 8Page - ON Semiconductor NCP4547 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP4547
http://onsemi.com
2
Figure 2. Pin Configuration − Top View
1
2
3
4
5
6
14
15
16
17
18
19
27: VIN
VIN
EN
POL
SR
DELAY
VOUT
VIN
VOUT
VOUT
VOUT
VOUT
VOUT
PIN DESCRIPTION
Pin
Name
Function
1, 6, 9, 10, 12,
21, 23, 24, 27
VIN
Drain of MOSFET (0.5 V − 6.0 V)
2
EN
Digital input used to turn on the MOSFET according to this truth table:
EN
POL
MOSFET
0
0On
0
1Off
3
POL
1
0Off
1
1On
EN has an internal pull down resistor to GND
POL has an internal pull up resistor to VCC
4
SR
Slew rate adjustment
5
DELAY
Turn−on delay adjustment
7, 26
GND
Controller ground
8
VCC
Supply voltage to controller (3.0 V − 5.5 V)
11, 22
VIN*
Internally floating but may be connected to VIN
13−20
VOUT
Source of MOSFET connected to load
25
BLEED
Load bleed connection


Similar Part No. - NCP4547

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 4
NCP4543 ONSEMI-NCP4543 Datasheet
207Kb / 10P
   Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP4543IMN5RG-A ONSEMI-NCP4543IMN5RG-A Datasheet
207Kb / 10P
   Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP4543 ONSEMI-NCP4543_16 Datasheet
207Kb / 10P
   Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP4545 ONSEMI-NCP4545 Datasheet
246Kb / 10P
   ecoSwitch Advanced Load Management
January, 2012 ??Rev. 1
More results

Similar Description - NCP4547

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45520 ONSEMI-NCP45520_14 Datasheet
140Kb / 15P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45560 ONSEMI-NCP45560_15 Datasheet
130Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45522 ONSEMI-NCP45522 Datasheet
107Kb / 10P
   Advanced Load Management
September, 2014 ??Rev. 1
NCP45541 ONSEMI-NCP45541 Datasheet
118Kb / 12P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45524 ONSEMI-NCP45524_14 Datasheet
120Kb / 14P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45540 ONSEMI-NCP45540 Datasheet
127Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45526 ONSEMI-NCP45526 Datasheet
91Kb / 9P
   Advanced Load Management
September, 2014 ??Rev. 2
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 4
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com