Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1230A Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1230A
Description  Low--Standby Power Soft Skip Mode Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230A Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1230A Datasheet HTML 1Page - ON Semiconductor NCP1230A Datasheet HTML 2Page - ON Semiconductor NCP1230A Datasheet HTML 3Page - ON Semiconductor NCP1230A Datasheet HTML 4Page - ON Semiconductor NCP1230A Datasheet HTML 5Page - ON Semiconductor NCP1230A Datasheet HTML 6Page - ON Semiconductor NCP1230A Datasheet HTML 7Page - ON Semiconductor NCP1230A Datasheet HTML 8Page - ON Semiconductor NCP1230A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
 Semiconductor Components Industries, LLC, 2010
December, 2010 -- Rev. 7
1
Publication Order Number:
NCP1230A/D
NCP1230A
Low--Standby Power Soft
Skip Mode Controller
The NCP1230A represents a major leap towards achieving low
standby power in medium--to--high power Switched--Mode Power
Supplies such as notebook adapters, off--line battery chargers and
consumer electronics equipment. Housed in a compact 8--pin package
(SO--8 or PDIP--7), the NCP1230A contains all needed control
functionality to build a rugged and efficient power supply. The
NCP1230A is a current mode controller with internal ramp
compensation. Among the unique features offered by the NCP1230A
is an event management scheme that can disable the front--end PFC
circuit during standby, thus reducing the no load power consumption.
The NCP1230A itself goes into soft skipping at light loads while
limiting peak current (to 25% of nominal peak) so that no acoustic
noise is generated. The NCP1230A has a high--voltage startup circuit
that eliminates external components and reduces power consumption.
The NCP1230A also features an internal latching function that can
be used for OVP protection. This latch is triggered by pulling the CS
pin above 3.0 V and can only be reset by pulling VCC to ground. True
overload protection, internal 2.5 ms soft--start, internal leading edge
blanking, internal frequency dithering for low EMI are some of the
other important features offered by the NCP1230A.
Features
Current--Mode Operation with Internal Ramp Compensation
Internal High--Voltage Startup Current Source for Loss Less Startup
Extremely Low No--Load Standby Power
Soft Skip Mode at Low Peak Currents (Skip--Cycle)
Direct Connection to PFC Controller for Improved No--Load Standby
Power
Internal 2.5 ms Soft--Start
Internal Leading Edge Blanking
Short--Circuit Protection Independent of Auxiliary Level
Internal Frequency Dithering for Improved EMI Signature
+500 mA/--800 mA Peak Current Drive Capability
Available in Three Frequency Options: 65 kHz, 100 kHz, and 133 kHz
Direct Optocoupler Connection
SPICE Models Available for TRANsient and AC Analysis
Pb--Free Packages are Available
Typical Applications
High Power AC--DC Adapters for Notebooks, etc.
Offline Battery Chargers
Set--Top Boxes Power Supplies, TV, Monitors, etc.
http://onsemi.com
SO--8 VHVIC
D SUFFIX
CASE 751
PDIP--7 VHVIC
P SUFFIX
CASE 626B
PIN CONNECTIONS
DRV
GND
18
VCC
CS
FB
HV
PFC Vcc
MARKING
DIAGRAMS
xx
= Device Code: 65, 100, 133
yy
= Device Code: 65, 100, 133
A
= Assembly Location
W, WW = Work Week
L
= Wafer Lot
Y, YY
= Year
G
= Pb--Free Package
G
= Pb--Free Package
230Ay
ALYWy
G
1
1
8
8
1230Axx
AWL
YYWWG
1
http://onsemi.com
Seedetailedorderingandshippinginformationinthepackage
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
1
8


Similar Part No. - NCP1230A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1230A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
   Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
   Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
logo
Diodes Incorporated
AL1788 DIODES-AL1788 Datasheet
398Kb / 13P
   LOW STANDBY POWER PFC CONTROLLER
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
   Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
NCP4353 ONSEMI-NCP4353_12 Datasheet
310Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 2
NCP4354ADR2G ONSEMI-NCP4354ADR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
logo
ON Semiconductor
NCP4354BDR2G ONSEMI-NCP4354BDR2G Datasheet
321Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
August, 2013 ??Rev. 3
NCP4355 ONSEMI-NCP4355_12 Datasheet
190Kb / 17P
   Secondary Side SMPS OFF Mode Controller for Low Standby Power
October, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com