Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2003ACPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2003ACPE
Description  NiCd/NiMH Battery Fast-Charge Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003ACPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2003ACPE Datasheet HTML 1Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 2Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 3Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 4Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 5Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 6Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 7Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 8Page - Maxim Integrated Products MAX2003ACPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, Figure 1, all measurements are with respect to VSS, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Pins to VSS...........................................................-0.3V, +6.0V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
Wide SO (derate 9.52mW/°C above +70°C).................762mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VBAT - VSNS
No load
VCC = 5V
VCC = 5V, VTCO = 1.4V
VCC = 5V
VCC = 5V
VCC = 5V
VCC = 5V
VTS - VSNS
VCC = 5V
VCC = 5V
CONDITIONS
mV
16
VTHERM
Thermistor Input Resolution
(Note 2)
mV
12
-
∆V
Negative Delta Voltage
(Note 2)
mV
30
VSNSHI -
VSNSLO
Delta Sense Voltage
(Note 1)
V
0.044VCC
0.044VCC
- 25mV
0.044VCC
+ 25mV
VSNSLO
Sense Trip Threshold Low
V
0.05VCC
0.05VCC
- 25mV
0.05VCC
+ 25mV
VSNSHI
Sense Trip Threshold High
V
0.0
VCC
VCELL
Cell Potential
mA
0.75
2.2
ICC
V
4.5
5.0
5.5
VCC
Supply Voltage
Supply Current
V
(VLTF/8)
(VLTF/8)
(VLTF/8)
+ (7VTCO/8)
+ 7VTCO/8
+ (7VTCO/8)
- 30mV
+ 30mV
VHTF
High-Temperature
Trip Threshold
V
VLTF - 0.2VCC
VLTF
VTCO
Temperature Cutoff Voltage
V
0.4VCC
0.4VCC
- 30mV
0.4VCC
+ 30mV
VLTF
Low-Temperature
Trip Threshold
V
VEDV
VEDV + 0.2VCC
VMCV
Maximum Cell Voltage
V
0.0
VCC
VBAT
Battery Voltage Input
V
0.0
VCC
VTEMP
Temperature Potential
V
0.0
VCC
VTS
Temperature Sense
Input Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 5V
V
0.2VCC
0.2VCC
- 30mV
0.2VCC
+ 30mV
VEDV
End-of-Discharge Voltage


Similar Part No. - MAX2003ACPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATIRVY MAXIM-MAX20034ATIRVY Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATISVY MAXIM-MAX20034ATISVY Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034EVKIT MAXIM-MAX20034EVKIT Datasheet
1Mb / 8P
   Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
MAX20034EVKIT# MAXIM-MAX20034EVKIT# Datasheet
1Mb / 8P
   Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
More results

Similar Description - MAX2003ACPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com