Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTY16N80E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTY16N80E
Description  Power Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTY16N80E Datasheet(HTML) 3 Page - ON Semiconductor

  MTY16N80E Datasheet HTML 1Page - ON Semiconductor MTY16N80E Datasheet HTML 2Page - ON Semiconductor MTY16N80E Datasheet HTML 3Page - ON Semiconductor MTY16N80E Datasheet HTML 4Page - ON Semiconductor MTY16N80E Datasheet HTML 5Page - ON Semiconductor MTY16N80E Datasheet HTML 6Page - ON Semiconductor MTY16N80E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTY16N80E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
100000
10000
1000
100
10
1
0
100
200
300
400
500
600
700
8
100
°C
25
°C
2.5
2.0
1.5
1.0
0.5
0
−50
−25
0
25
50
75
100
125
150
VGS = 10 V
ID = 8 A
0.6
0.5
0.4
3
4
8
12
16
24
20
ID, DRAIN CURRENT (AMPS)
15 V
0.9
0.6
0
08
16
25
°C
0.3
24
32
24
16
8
0
0
2
4
6
8
10
12
14
16
18
20
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
16
12
8
4
0
23
4
5
TJ = 25°C
VGS = 10 V
VDS ≥ 10 V
VGS = 10 V
TJ = 100°C
−55
°C
TJ = 25°C
VGS = 10 V
VGS = 0 V
TJ = 125°C
6 V
5 V
8 V
100
°C
25
°C
TJ = −55°C
32
28
4 V


Similar Part No. - MTY16N80E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTY16N80E MOTOROLA-MTY16N80E Datasheet
239Kb / 8P
   TMOS POWER FET 16 AMPERES 800 VOLTS RDS(on) = 0.50 OHM
More results

Similar Description - MTY16N80E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com