Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB6N60E1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTB6N60E1
Description  High Energy PowerFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB6N60E1 Datasheet(HTML) 6 Page - ON Semiconductor

  MTB6N60E1 Datasheet HTML 1Page - ON Semiconductor MTB6N60E1 Datasheet HTML 2Page - ON Semiconductor MTB6N60E1 Datasheet HTML 3Page - ON Semiconductor MTB6N60E1 Datasheet HTML 4Page - ON Semiconductor MTB6N60E1 Datasheet HTML 5Page - ON Semiconductor MTB6N60E1 Datasheet HTML 6Page - ON Semiconductor MTB6N60E1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MTB6N60E1
http://onsemi.com
6
shown in the accompanying graph (Figure 12). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.
SAFE OPERATING AREA
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0
0.5
1
1.5
2.0
2.5
3
25
50
75
100
125
1
TA, AMBIENT TEMPERATURE (°C)
Figure 15. D2PAK Power Derating Curve
RθJA = 50°C/W
Board material = 0.065 mil FR−4
Mounted on the minimum recommended footprint
Collector/Drain Pad Size ≈ 450 mils x 350 mils
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 13. Thermal Response
1
0.1
0.01
0.00001
0.0001
0.001
0.01
0.1
1
1
t, TIME (SECONDS)
D = 0.5
0.2
0.1
0.05
0.02
0.01
RθJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
SINGLE PULSE
100
10
1.0
0.1
0.1
1
10
100
1000
100 μs
10 μs
1 ms
10 ms
dc
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 20 V
SINGLE PULSE
TC = 25°C
TJ, STARTING JUNCTION TEMPERATURE (°C)
0
25
50
75
100
125
450
ID = 6 A
1
400
150
100
50
200
250
300
350


Similar Part No. - MTB6N60E1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB6N60E1 MOTOROLA-MTB6N60E1 Datasheet
160Kb / 8P
   TMOS POWER FET 6.0 AMPERES 600 VOLTS
More results

Similar Description - MTB6N60E1

ManufacturerPart #DatasheetDescription
logo
Tadiran Batteries GmbH
TLP-93111-A TADIRN-TLP-93111-A Datasheet
288Kb / 1P
   High energy
TLP-93311-A TADIRN-TLP-93311-A Datasheet
309Kb / 1P
   High energy
TLP-97311-A TADIRN-TLP-97311-A Datasheet
276Kb / 1P
   High energy
TLP-92111-A TADIRN-TLP-92111-A Datasheet
290Kb / 1P
   High energy
TLP-96111-A TADIRN-TLP-96111-A Datasheet
258Kb / 1P
   High energy
TLP-96311-A TADIRN-TLP-96311-A Datasheet
272Kb / 1P
   High energy
TLP-97111-A TADIRN-TLP-97111-A Datasheet
274Kb / 1P
   High energy
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-92311-A TADIRN-TLP-92311-A Datasheet
313Kb / 1P
   High energy
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com