Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF530 Datasheet(PDF) 5 Page - ON Semiconductor

Part # IRF530
Description  N?묬hannel Enhancement?묺ode Silicon Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

IRF530 Datasheet(HTML) 5 Page - ON Semiconductor

  IRF530 Datasheet HTML 1Page - ON Semiconductor IRF530 Datasheet HTML 2Page - ON Semiconductor IRF530 Datasheet HTML 3Page - ON Semiconductor IRF530 Datasheet HTML 4Page - ON Semiconductor IRF530 Datasheet HTML 5Page - ON Semiconductor IRF530 Datasheet HTML 6Page - ON Semiconductor IRF530 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRF530
http://onsemi.com
5
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
0.6
0.7
0.8
0.9
0
4
10
12
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
110
10
100
10
tr
tf
td(off)
td(on)
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage versus Current
80
72
64
56
48
40
32
0
9
7
4
0
QG, TOTAL GATE CHARGE (nC)
10
8
2
510
15
20
TJ = 25°C
ID = 14 A
VDS
VGS
25
0
Q1
Q2
QT
Q3
2
6
0.65
0.75
0.85
0.95
TJ = 25°C
ID = 8 A
VDD = 36 V
VGS = 10 V
6
5
3
1
24
16
8
1
8
14
2.5
7.5
12.5
17.5
22.5
27.5
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the
procedures discussed in AN569, “Transient Thermal
Resistance−General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10 μs. In addition the
total power averaged over a complete switching cycle must
not exceed (TJ(MAX) − TC)/(RθJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with
an increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry custom.
The energy rating must be derated for temperature as
shown in the accompanying graph (Figure 12). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.


Similar Part No. - IRF530

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF530 MOTOROLA-IRF530 Datasheet
157Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
First Components Intern...
IRF530 FCI-IRF530 Datasheet
356Kb / 6P
   14.0A 100V N CHANNEL POWER MOSFET
logo
STMicroelectronics
IRF530 STMICROELECTRONICS-IRF530 Datasheet
47Kb / 3P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
June 1988
logo
Vishay Siliconix
IRF530 VISHAY-IRF530 Datasheet
282Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Transys Electronics
IRF530 TRSYS-IRF530 Datasheet
481Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE
More results

Similar Description - IRF530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP10N40E ONSEMI-MTP10N40E Datasheet
234Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTD6N15T4G ONSEMI-MTD6N15T4G Datasheet
125Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
May, 2013 ??Rev. 5
MTP3N50E ONSEMI-MTP3N50E Datasheet
236Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
NTLTD7900N ONSEMI-NTLTD7900N Datasheet
82Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
October, 2005 ??Rev. 1
NTP22N06 ONSEMI-NTP22N06 Datasheet
200Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
NTP30N20G ONSEMI-NTP30N20G Datasheet
164Kb / 7P
   N?묬hannel Enhancement?묺ode TO??20
March, 2006 ??Rev. 5
NTMS4P01R2 ONSEMI-NTMS4P01R2 Datasheet
232Kb / 8P
   P?묬hannel Enhancement?묺ode Power MOSFET
August, 2006 ??Rev. 1
NTB13N10T4G ONSEMI-NTB13N10T4G Datasheet
83Kb / 8P
   100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com