Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2003CSE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2003CSE
Description  NiCd/NiMH Battery Fast-Charge Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003CSE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2003CSE Datasheet HTML 7Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 8Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 9Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 10Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 11Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 12Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 13Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 14Page - Maxim Integrated Products MAX2003CSE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Negative Delta Voltage Termination
The Negative Delta Voltage Termination (-
∆V) method
measures a negative delta voltage to determine termi-
nation of fast-charge. After maximum charge is
reached, the terminal voltage of NiCd batteries
declines significantly, whereas the terminal voltage of
NiMH batteries does not. Hence, the -
∆V method of
fast-charge termination is suitable for NiCd batteries,
but not for NiMH batteries.
The MAX2003/MAX2003A sample the BAT pin every 34
seconds and compare it with all previous values. If the
new value is less than any of the previous values by
more than 12mV, a negative delta voltage has been
detected and fast-charge is terminated.
Note: This method of charge termination is valid only
when the voltage at BAT is between VMCV and VMCV -
0.2VCC.
The -
∆V method is inhibited during the hold-off time to
prevent false termination of fast-charge. The hold-off
time depends on the charge rate used, and is selected
by the inputs TM1 and TM2 (as shown in Table 4). After
the hold-off time has expired, the device begins to
monitor BAT for a voltage drop.
Maximum Temperature Termination
The Maximum Temperature Termination method is used
as a safety net to prevent problems, and should never
be needed under normal operation of the charger. The
maximum temperature that the battery can reach during
fast-charge has a corresponding voltage—the tempera-
ture cutoff voltage (VTCO), as seen in Figure 5. This volt-
age is set externally at the TCO pin using a resistor
divider from VCC. Although rarely experienced, an
excessively low temperature will also terminate fast-
charge. The minimum temperature is the low tempera-
ture fault (VLTF). This value is internally set at 0.4VCC.
When the thermistor exceeds these temperature limits,
fast-charge is terminated. The thermistor configuration
shown in Figure 5 is used to measure the battery’s tem-
perature and scale it to operate from VLTF to VTCO.
Resistors RT1 and RT2 are calculated to provide the
required cutoff at VTCO. See the Design Guide section
for a detailed design example.
Maximum Voltage Termination
The Maximum Voltage Termination method is another
safety feature designed to work if something is drastically
wrong. Under normal operation of the charger, this condi-
tion should only be reached when the battery is removed.
The maximum cell voltage expected is applied at the
MCV pin using a resistor-divider network. If the cell volt-
age measured at BAT exceeds that at MCV, fast-
charge is terminated. For most applications using both
NiCd and NiMH batteries, this voltage (VMCV) can be
set to 1.9V.
The MAX2003/MAX2003A do not terminate fast-charge
if the maximum voltage is reached before the hold-off
time has expired. If the cell voltage is greater than the
MCV during the hold-off time, the device will continue
fast-charge until the hold-off time has expired, and then
it will terminate fast-charge. The hold-off time is deter-
mined by the inputs TM1 and TM2, as shown in Table 4.
Maximum Timeout Termination
The final method is Maximum Timeout Termination,
which (like the maximum voltage and maximum tem-
perature methods) is another backup safety feature.
The timeout time depends on the charge rate selected
and is set by the control signals TM1 and TM2. Table 4
shows a list of different timeout periods available for dif-
ferent control-signal inputs. If the timeout is reached
before any other termination method is seen, fast-
charge is terminated to protect the charger and battery.
Top-Off Charge
Top-off charge is used to provide the last bit of charge
needed to reach full capacity after fast-charge is termi-
nated. Top-off charging puts slightly more energy into
the battery than simple trickle charging, and can be
used for both NiCd and NiMH batteries. Select it by
choosing the appropriate control signals on TM1 and
TM2 (Table 4).
NiCd/NiMH Battery
Fast-Charge Controllers
______________________________________________________________________________________
11
*Enable
100
23
4C
VCC
VCC
Disable
100
23
*Enable
410
90
*Enable
200
45
2C
VCC
Open
C
VCC
GND
*Enable
820
180
C/2
Open
VCC
4C
Open
Open
Disable
410
90
Disable
200
45
2C
Open
GND
C
GND
VCC
Disable
820
180
C/2
GND
Open
Disable
Top-Off
Charge
140
Hold-Off
Time
∆V/MCV
(sec)
360
Fast-
Charge
Timeout
(min)
TM1
C/4
GND
GND
Fast-
Charge
Rate
TM2
Table 4. Programmable Inputs for
Timeout/Hold-Off/Fast-Charge/Top-Off/
Pulse Trickle (VCC = 5V)
0.5
1
0.5
0.5
0.5
1
1
1
Disable
MAX2003A
Trickle
Charge (s)
On/Off
* MAX2003 is on for 4sec and off for 30sec.
MAX2003A is on for 0.5sec and off for 3.5sec.
16
32
64
128
16
32
64
128
544
MAX2003A
Sampling
Interval
(sec)
544
136
68
68
544
136
68
68


Similar Part No. - MAX2003CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATIRVY MAXIM-MAX20034ATIRVY Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATISVY MAXIM-MAX20034ATISVY Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034EVKIT MAXIM-MAX20034EVKIT Datasheet
1Mb / 8P
   Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
MAX20034EVKIT# MAXIM-MAX20034EVKIT# Datasheet
1Mb / 8P
   Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
More results

Similar Description - MAX2003CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com