Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2003 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2003
Description  NiCd/NiMH Battery Fast-Charge Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2003 Datasheet HTML 3Page - Maxim Integrated Products MAX2003 Datasheet HTML 4Page - Maxim Integrated Products MAX2003 Datasheet HTML 5Page - Maxim Integrated Products MAX2003 Datasheet HTML 6Page - Maxim Integrated Products MAX2003 Datasheet HTML 7Page - Maxim Integrated Products MAX2003 Datasheet HTML 8Page - Maxim Integrated Products MAX2003 Datasheet HTML 9Page - Maxim Integrated Products MAX2003 Datasheet HTML 10Page - Maxim Integrated Products MAX2003 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
_______________________________________________________________________________________
7
MAX2003
MAX2003A
CHARGE
CONTROL
STATE
MACHINE
A/D
DISCHARGE
CONTROL
DISPLAY
CONTROL
TEMP
CHG
CCMD
DCMD
DVEN
TIMING
CONTROL
LTF
CHECK
TCO
CHECK
OSC
TM1
TM2
VCC
DIS
MOD
VSS
MOD
CONTROL
EDV
CHECK
MCV
CHECK
(VTS - VSNS)
TCO
TS
SNS
BAT
MCV
(VBAT - VSNS)
Σ
Σ
+
+
Figure 2. Block Diagram
0.8
0
120
1.0
1.6
1.8
2.0
CHARGE CAPACITY (% OF MAXIMUM)
40
60
20
80
100
1.4
1.2
NiCd
NiMH
Figure 3. Voltage-Charge Characteristics of NiCd and NiMH
Batteries
15
0
120
20
25
40
50
45
55
CHARGE CAPACITY (% OF MAXIMUM)
40
60
20
80
100
35
30
NiCd
NiMH
Figure 4. Temperature-Charge Characteristics of NiCd and
NiMH Batteries


Similar Part No. - MAX2003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATIRVY MAXIM-MAX20034ATIRVY Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034ATISVY MAXIM-MAX20034ATISVY Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
MAX20034EVKIT MAXIM-MAX20034EVKIT Datasheet
1Mb / 8P
   Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
MAX20034EVKIT# MAXIM-MAX20034EVKIT# Datasheet
1Mb / 8P
   Dual High-Voltage Step-Down Controllers to Minimize Board-Area Occupancy
Rev 0; 11/17
More results

Similar Description - MAX2003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com