Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1014D-EP Datasheet(PDF) 7 Page - Texas Instruments

Part # LT1014D-EP
Description  QUAD PRECISION OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014D-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button LT1014D-EP_15 Datasheet HTML 3Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 4Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 5Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 6Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 7Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 8Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 9Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 10Page - Texas Instruments LT1014D-EP_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
VCC + = 5 V
VCC - = 0
VCC± = ±15 V
CL = 100 pF
TA = 25°C
f - Frequenc y - Hz
0.01 0.1
1 k
100 k
10 M
1
10
100
10 k
1 M
0
-20
20
40
60
80
100
120
140
f - Frequenc y - MHz
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
AVD
VCC+ = 5 V
VCC- = 0
VCC± = ±15 V
VIC = 0
CL = 100 pF
TA = 25°C
VCC+ = 5 V
VCC- = 0
VCC± = ±15 V
20
10
0
-10
0.01
0.3
1
3
10
80°
100°
100°
120°
140°
160°
180°
200°
220°
240°
120
100
80
60
10
100
1 k
10 k
140
f - Frequenc y - Hz
CHANNEL SEPARATION
vs
FREQUENCY
160
100 k
1 M
Limited by
Thermal
Interaction
RL = 100 Ω
RL = 1 kΩ
Limited by
Pin-to-Pin
Capacitance
VCC± = ±15 V
VI(PP) = 20 V to 5 kHz
RL = 2 kΩ
TA = 25°C
OUTPUT SATURATION VOLTAGE
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
VCC+ = 5 V to 30 V
VCC- = 0
Isink = 10 mA
Isink = 1 mA
Isink = 100 µA
Isink = 10 µA
Isink = 0
Isink = 5 mA
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
LT1014D-EP
www.ti.com ........................................................................................................................................................................................... SLOS609 – DECEMBER 2008
Figure 10.
Figure 11.
Figure 12.
Figure 13.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): LT1014D-EP


Similar Part No. - LT1014D-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
LT1014D-EP TI1-LT1014D-EP Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1014D-EP_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
   Precision Quad Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
   Quad Precision Operational Amplifier
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
   Precision Quad Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
August 1998
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
   4MHz, Precision, Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com