Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV772MAX Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV772MAX
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV772MAX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV772MAX Datasheet HTML 2Page - Texas Instruments LMV772MAX Datasheet HTML 3Page - Texas Instruments LMV772MAX Datasheet HTML 4Page - Texas Instruments LMV772MAX Datasheet HTML 5Page - Texas Instruments LMV772MAX Datasheet HTML 6Page - Texas Instruments LMV772MAX Datasheet HTML 7Page - Texas Instruments LMV772MAX Datasheet HTML 8Page - Texas Instruments LMV772MAX Datasheet HTML 9Page - Texas Instruments LMV772MAX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LMV771, LMV772, LMV774
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
www.ti.com
5.0V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C. V
+ = 5.0V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Condition
Units
(2)
(3)
(2)
0.25
0.85
LMV771
1.0
VOS
Input Offset Voltage
mV
0.25
1.0
LMV772/LMV772Q/LMV774
1.2
TCVOS
Input Offset Voltage Average Drift
−0.35
µV/°C
−0.23
100
IB
Input Bias Current (4)
VCM = 1V
pA
250
IOS
Input Offset Current (4)
0.017
100
pA
600
950
IS
Supply Current (Per Amplifier)
µA
960
80
90
CMRR
Common Mode Rejection Ratio
0.5
≤ VCM ≤ 3.5V
dB
79
82
90
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
76
VCM
Input Common-Mode Voltage Range For CMRR
≥ 50dB
0
4.1
V
RL = 600Ω to 2.5V,
92
100
VO = 0.2V to 4.8V,
(6)
89
Large Signal Voltage Gain
AV
dB
(5)
RL = 2kΩ to 2.5V,
98
100
VO = 0.2V to 4.8V,
(7)
95
RL = 600Ω to 2.5V
0.15
0.112 to
4.85
VIN = ± 100mV,
(6)
0.23
4.9
4.77
VO
Output Swing
V
RL = 2kΩ to 2.5V
0.06
0.035 to
4.94
VIN = ± 100mV,
(7)
0.07
4.97
4.93
Sourcing, VO = 0V
35
75
VIN = 100mV
35
IO
Output Short Circuit Current (4) (8)
mA
Sinking, VO = 2.7V
35
66
VIN = −100mV
35
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Limits guaranteed by design.
(5)
RL is connected to mid-supply. The output voltage is set at 200mV from the rails. VO = GND + 0.2V and VO = V
+ −0.2V
(6)
For LMV772/LMV772Q/LMV774, temperature limits apply to
−40°C to 85°C.
(7)
For LMV772/LMV772Q/LMV774, temperature limits apply to
−40°C to 85°C. If RL is relaxed to 10 kΩ, then for
LMV772/LMV772Q/LMV774 temperature limits apply to
−40°C to 125°C.
(8)
Continuous operation of the device with an output short circuit current larger than 35mA may cause permanent damage to the device.
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV771 LMV772 LMV774


Similar Part No. - LMV772MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV772MAX NSC-LMV772MAX Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Texas Instruments
LMV772MAX TI1-LMV772MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
LMV772MAX/NOPB TI1-LMV772MAX/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results

Similar Description - LMV772MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Texas Instruments
LMV772MA TI1-LMV772MA Datasheet
1Mb / 33P
[Old version datasheet]   LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com