Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145151P2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC145151P2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145151P2 Datasheet(HTML) 2 Page - Motorola, Inc

  MC145151P2 Datasheet HTML 1Page - Motorola, Inc MC145151P2 Datasheet HTML 2Page - Motorola, Inc MC145151P2 Datasheet HTML 3Page - Motorola, Inc MC145151P2 Datasheet HTML 4Page - Motorola, Inc MC145151P2 Datasheet HTML 5Page - Motorola, Inc MC145151P2 Datasheet HTML 6Page - Motorola, Inc MC145151P2 Datasheet HTML 7Page - Motorola, Inc MC145151P2 Datasheet HTML 8Page - Motorola, Inc MC145151P2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
2
Parallel-Input PLL Frequency
Synthesizer
Interfaces with Single–Modulus Prescalers
The MC145151–2 is programmed by 14 parallel–input data lines for the
N counter and three input lines for the R counter. The device features consist of
a reference oscillator, selectable–reference divider, digital–phase detector, and
14–bit programmable divide–by–N counter.
The MC145151–2 is an improved–performance drop–in replacement for the
MC145151–1. The power consumption has decreased and ESD and latch–up
performance have improved.
• Operating Temperature Range: – 40 to 85°C
• Low Power Consumption Through Use of CMOS Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation
• Lock Detect Signal
• ÷ N Counter Output Available
• Single Modulus/Parallel Programming
• 8 User–Selectable ÷ R Values: 8, 128, 256, 512, 1024, 2048, 2410, 8192
• ÷ N Range = 3 to 16383
• “Linearized” Digital Phase Detector Enhances Transfer Function Linearity
• Two Error Signal Options: Single–Ended (Three–State) or Double–Ended
• Chip Complexity: 8000 FETs or 2000 Equivalent Gates
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145151-2
P SUFFIX
PLASTIC DIP
CASE 710
DW SUFFIX
SOG PACKAGE
CASE 751F
ORDERING INFORMATION
MC145151P2
Plastic DIP
MC145151DW2
SOG Package
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
RA2
PDout
VDD
VSS
fin
N0
φR
RA0
N3
N2
N1
RA1
φV
fV
N10
N11
OSCout
OSCin
LD
N5
N6
N7
N4
N9
N12
N13
N8
T/R
PIN ASSIGNMENT
1
28
1
28
© Motorola, Inc. 1995
REV 1
8/95


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Freescale Semiconductor...
MC145151P2 FREESCALE-MC145151P2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com