Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV796 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV796
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV796 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV796 Datasheet HTML 7Page - Texas Instruments LMV796 Datasheet HTML 8Page - Texas Instruments LMV796 Datasheet HTML 9Page - Texas Instruments LMV796 Datasheet HTML 10Page - Texas Instruments LMV796 Datasheet HTML 11Page - Texas Instruments LMV796 Datasheet HTML 12Page - Texas Instruments LMV796 Datasheet HTML 13Page - Texas Instruments LMV796 Datasheet HTML 14Page - Texas Instruments LMV796 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
-10
0
10
20
30
40
50
10
100
1000
CLOAD (pF)
RLOAD = 10 M:
V
+
= 2.5V
RLOAD = 10 k:
RLOAD = 600:
-10
0
10
20
30
40
50
10
100
1000
CLOAD (pF)
RLOAD = 10 M:
V
+
= 5V
RLOAD = 10 k:
RLOAD = 600:
200 ns/DIV
INPUT = 20 mVPP
f = 1 MHz
V
+
= 5V
800 ns/DIV
INPUT = 1 VPP
f = 200 kHz
V
+
= 5V
200 ns/DIV
INPUT = 20 mVPP
f = 1 MHz
V
+
= 2.5V
800 ns/DIV
INPUT = 1 VPP
f = 200 kHz
V
+
= 2.5V
LMV796, LMV797
www.ti.com
SNOSAU9D – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
= 0, V+ = Supply Voltage = 5V, V
CM = V
+/2.
Small Signal Transient Response, AV = +1
Large Signal Transient Response, AV = +1
Figure 35.
Figure 36.
Small Signal Transient Response, AV = +1
Large Signal Transient Response, AV = +1
Figure 37.
Figure 38.
Phase Margin vs. Capacitive Load (Stability)
Phase Margin vs. Capacitive Load (Stability)
Figure 39.
Figure 40.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV796 LMV797


Similar Part No. - LMV796

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796MF NSC-LMV796MF Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796MFX NSC-LMV796MFX Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
[Old version datasheet]   LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results

Similar Description - LMV796

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMV796 NSC-LMV796 Datasheet
1Mb / 19P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
[Old version datasheet]   LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
[Old version datasheet]   17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
[Old version datasheet]   LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
National Semiconductor ...
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
[Old version datasheet]   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com