Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT88 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMT88
Description  2.4-V, 10-關A, SC-70 Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT88 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMT88 Datasheet HTML 3Page - Texas Instruments LMT88 Datasheet HTML 4Page - Texas Instruments LMT88 Datasheet HTML 5Page - Texas Instruments LMT88 Datasheet HTML 6Page - Texas Instruments LMT88 Datasheet HTML 7Page - Texas Instruments LMT88 Datasheet HTML 8Page - Texas Instruments LMT88 Datasheet HTML 9Page - Texas Instruments LMT88 Datasheet HTML 10Page - Texas Instruments LMT88 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Thermal Diodes
VO
V
+
GND
LMT88
www.ti.com
SNIS175A – MARCH 2013 – REVISED JANUARY 2015
7 Detailed Description
7.1 Overview
The LMT88 device is a precision analog output CMOS integrated-circuit temperature sensor that operates over a
temperature range of
−55°C to 130°C . The power supply operating range is 2.4 V to 5.5 V. The transfer function
of LMT88 is predominately linear, yet has a slight predictable parabolic curvature. The accuracy of the LMT88
when specified to a parabolic transfer function is typically ±1.5°C at an ambient temperature of 30°C. The
temperature error increases linearly and reaches a maximum of ±5°C at the temperature range extremes. The
temperature range is affected by the power supply voltage. At a power supply voltage of 2.7 V to 5.5 V, the
temperature range extremes are 130°C and
−55°C. Decreasing the power supply voltage to 2.4 V changes the
negative extreme to
−30°C, while the positive remains at 130°C.
The LMT88 quiescent current is less than 10
μA. Therefore, self-heating is less than 0.02°C in still air. Shutdown
capability for the LMT88 is intrinsic because its inherent low power consumption allows it to be powered directly
from the output of many logic gates or does not necessitate shutdown at all.
The temperature sensing element is comprised of a simple base emitter junction that is forward biased by a
current source. The temperature sensing element is then buffered by an amplifier and provided to the OUT pin.
The amplifier has a simple class A output stage thus providing a low impedance output that can source 16 µA
and sink 1 µA.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 LMT88 Transfer Function
The LMT88 transfer function can be described in different ways with varying levels of precision. A simple linear
transfer function, with good accuracy near 25°C, is:
VO = −11.69 mV/°C × T + 1.8663 V
(1)
Over the full operating temperature range of
−55°C to 130°C, best accuracy can be obtained by using the
parabolic transfer function.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMT88


Similar Part No. - LMT88

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
More results

Similar Description - LMT88

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Analog Devices
TMP05 AD-TMP05 Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com