Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT88 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMT88
Description  2.4-V, 10-關A, SC-70 Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT88 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT88_15 Datasheet HTML 7Page - Texas Instruments LMT88_15 Datasheet HTML 8Page - Texas Instruments LMT88_15 Datasheet HTML 9Page - Texas Instruments LMT88_15 Datasheet HTML 10Page - Texas Instruments LMT88_15 Datasheet HTML 11Page - Texas Instruments LMT88_15 Datasheet HTML 12Page - Texas Instruments LMT88_15 Datasheet HTML 13Page - Texas Instruments LMT88_15 Datasheet HTML 14Page - Texas Instruments LMT88_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
6
O
6
(1.8639
V
2.1962 10
3.88 10
)
T
1481.96


u
u



LMT88
www.ti.com
SNIS175A – MARCH 2013 – REVISED JANUARY 2015
Typical Applications (continued)
Solving for T:
where
T is temperature, and VO is the measured output voltage of the LMT88. Equation 6 is the most accurate
equation that can be used to calculate the temperature of the LMT88.
(6)
An alternative to the quadratic equation a second order transfer function can be determined using "least squares"
method:
T = (
−2.3654×VO
2) + (−78.154×V
O ) + 153.857
where
T is temperature express in °C and VO is the output voltage expressed in volts.
(7)
A linear transfer function can be used over a limited temperature range by calculating a slope and offset that give
best results over that range. A linear transfer function can be calculated from the parabolic transfer function of
the LMT88. The slope of the linear transfer function can be calculated using the following equation:
m =
−7.76 × 10
−6× T − 0.0115,
where
T is the middle of the temperature range of interest and m is in V/°C. For example for the temperature range of
TMIN = −30 to TMAX = 100°C:
(8)
T = 35°C
(9)
and
m =
−11.77 mV/°C
(10)
The offset of the linear transfer function can be calculated using the following equation:
b = (VOP(TMAX) + VOP(T) − m × (TMAX+T))/2
where
VOP(TMAX) is the calculated output voltage at TMAX using the parabolic transfer function for VO.
VOP(T) is the calculated output voltage at T using the parabolic transfer function for VO.
(11)
Using this procedure, the best fit linear transfer function for many popular temperature ranges was calculated in
Table 3. As shown in Table 3, the error that is introduced by the linear transfer function increases with wider
temperature ranges.
Table 3. First Order Equations Optimized for Different Temperature Ranges
TEMPERATURE RANGE
MAXIMUM DEVIATION OF LINEAR EQUATION
LINEAR EQUATION
FROM PARABOLIC EQUATION (°C)
Tmin (°C)
Tmax (°C)
−55
130
VO = −11.79 mV/°C × T + 1.8528 V
±1.41
−40
110
VO = −11.77 mV/°C × T + 1.8577 V
±0.93
−30
100
VO = −11.77 mV/°C × T + 1.8605 V
±0.70
-40
85
VO = −11.67 mV/°C × T + 1.8583 V
±0.65
−10
65
VO = −11.71 mV/°C × T + 1.8641 V
±0.23
35
45
VO = −11.81 mV/°C × T + 1.8701 V
±0.004
20
30
VO = –11.69 mV/°C × T + 1.8663 V
±0.004
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMT88


Similar Part No. - LMT88_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
More results

Similar Description - LMT88_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Analog Devices
TMP05 AD-TMP05 Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com