Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP8107X8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP8107X8
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP8107X8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP8107X8 Datasheet HTML 1Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 2Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 3Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 4Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 5Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 6Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 7Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 8Page - Cystech Electonics Corp. MTP8107X8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C386X8
Issued Date : 2015.04.14
Revised Date :
Page No. : 2/9
MTP8107X8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
+20/-25
V
Continuous Drain Current @TA=25
°C, VGS=-10V
-6.6
Continuous Drain Current @TA=70
°C, VGS=-10V
ID
-5.3
Pulsed Drain Current
(Note 1&2)
IDM
-30
A
Maximum Power Dissipation @TA=25°C
(Note 3)
2.5
Maximum Power Dissipation @TA=70°C
(Note 3)
PD
1.6
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction-to-Ambient
(Note 3)
JA
50
Thermal Resistance, Junction-to-Case
JC
20
°C/W
Note : 1. Pulse width limited by maximum junction temperature.
2. Pulse width≤300μs, duty cycle≤2%
3. Surface mounted on 1 in² copper pad of FR-4 board, t≤5s; 125
°C/W when mounted on minimum copper pad.
Electrical Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
ID=-10mA, VGS=0V
BVDSX
-21
-
-
ID=-10mA, VGS=10V
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID=-250µA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
-
-
-10
VDS=-30V, VGS=0V
IDSS
-
-
-100
µA
VDS=-30V, VGS=0V, Tj=55°C
-
19.5
28
VGS=-10V, ID=-3A
*RDS(ON)
-
30
38
m
Ω
VGS=-4.5V, ID=-3A
GFS
-
7
-
S
VDS=-5V, ID=-3A
Dynamic
Ciss
-
1109
-
Coss
-
158
-
Crss
-
112
-
pF
VDS=-10V, VGS=0V, f=1MHz
*td(ON)
-
7
-
*tr
-
19.8
-
*td(OFF)
-
60.2
-
*tf
-
18.8
-
ns
VDS=-15V, ID=-3A, VGS=-10V, RG=4.7Ω


Similar Part No. - MTP8107X8

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTP810G ADAM-TECH-MTP810G Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
MTP810U ADAM-TECH-MTP810U Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
MTP810W ADAM-TECH-MTP810W Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
More results

Similar Description - MTP8107X8

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com