Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT85LP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMT85LP
Description  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT85LP Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMT85LP Datasheet HTML 3Page - Texas Instruments LMT85LP Datasheet HTML 4Page - Texas Instruments LMT85LP Datasheet HTML 5Page - Texas Instruments LMT85LP Datasheet HTML 6Page - Texas Instruments LMT85LP Datasheet HTML 7Page - Texas Instruments LMT85LP Datasheet HTML 8Page - Texas Instruments LMT85LP Datasheet HTML 9Page - Texas Instruments LMT85LP Datasheet HTML 10Page - Texas Instruments LMT85LP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
±50
±40
±30
±20
±10
0
10
20
30
40
1.50 2.00 2.50 3.00 3.50 4.00 4.50 5.00 5.50
Supply Voltage (V)
C002
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (ºC)
-4
-3
-2
-1
0
1
2
3
4
LMT85, LMT85-Q1
www.ti.com
SNIS168C – MARCH 2013 – REVISED OCTOBER 2015
7.8 Typical Characteristics
Figure 1. Temperature Error vs Temperature
Figure 2. Minimum Operating Temperature vs
Supply Voltage
Figure 4. Supply Current vs Supply Voltage
Figure 3. Supply Current vs Temperature
Figure 5. Load Regulation, Sourcing Current
Figure 6. Load Regulation, Sinking Current
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - LMT85LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT85LP TI1-LMT85LP Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85LPG TI1-LMT85LPG Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85LPGM TI1-LMT85LPGM Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85LPM TI1-LMT85LPM Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT85LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
[Old version datasheet]   2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com