Electronic Components Datasheet Search |
|
LMT84-Q1 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
LMT84-Q1 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 26 page VDD GND LMT84, LMT84-Q1 SNIS167C – MARCH 2013 – REVISED OCTOBER 2015 www.ti.com Pin Functions PIN DESCRIPTION DCK LP LPC LABEL TYPE EQUIVALENT CIRCUIT FUNCTION NUMBER NUMBER NUMBER GND 5 Ground Power Supply Ground GND 1 Ground Power Supply Ground Analog Outputs a voltage which is inversely OUT 3 Output proportional to temperature See Pin See Pin Diagram Diagram VDD 4 Power Positive Supply Voltage GND 2 Ground Power Supply Ground, (direct connection to the back side of the die) 7 Specifications 7.1 Absolute Maximum Ratings (1) (2) MIN MAX UNIT Supply Voltage −0.3 6 V Voltage at Output Pin −0.3 (VDD + 0.5) V Output Current -7 7 mA Input Current at any pin(3) -5 5 mA Maximum Junction Temperature (TJMAX) 150 °C Storage temperature Tstg −65 150 °C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not specified specific performance limits. For specifications and test conditions, see the Electrical Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging. (3) When the input voltage (VI) at any pin exceeds power supplies (VI < GND or VI > V), the current at that pin should be limited to 5 mA. 7.2 ESD Ratings - Commercial VALUE UNIT Human Body Model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins. (1) ±2500 Applies for TO-92 package LMT84LP. Human Body Model (HBM), per JESD22-A114, all pins. Applies for ±2500 V SC70 package LMT84DCK. V(ESD) Electrostatic discharge Charged Device Model (CDM), per JEDEC specification JESD22-C101, ±1000 all pins. (2) Applies for all parts. Machine Model ESD stress voltage, per JEDEC specification JESD22- ±250 V A115 (3) Applies for SC70 package LMT84DCK. (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. (3) The machine model is 200 pF capacitor discharged directly into each pin. 4 Submit Documentation Feedback Copyright © 2013–2015, Texas Instruments Incorporated Product Folder Links: LMT84 LMT84-Q1 |
Similar Part No. - LMT84-Q1 |
|
Similar Description - LMT84-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |