Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT70A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMT70A
Description  Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT70A Datasheet(HTML) 5 Page - Texas Instruments

  LMT70A Datasheet HTML 1Page - Texas Instruments LMT70A Datasheet HTML 2Page - Texas Instruments LMT70A Datasheet HTML 3Page - Texas Instruments LMT70A Datasheet HTML 4Page - Texas Instruments LMT70A Datasheet HTML 5Page - Texas Instruments LMT70A Datasheet HTML 6Page - Texas Instruments LMT70A Datasheet HTML 7Page - Texas Instruments LMT70A Datasheet HTML 8Page - Texas Instruments LMT70A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMT70, LMT70A
www.ti.com
SNIS187A – MARCH 2015 – REVISED JULY 2015
8.5 Electrical Characteristics
Limits apply for TA = TJ = TMIN to TMAX and VDD of 2.00V to 5.5V and VDD ≥ VTAO + 1V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ACCURACY
TA = –55°C
VDD = 2.7 V
-0.33
0.33
TA = –40°C
VDD = 2.7 V
–0.27
0.27
TAO accuracy
TA = –20°C
VDD = 2.7 V
–0.2
0.2
(These stated accuracy limits
TA = –10°C
VDD = 2.7 V
–0.18
0.18
are with reference to the values
in Electrical Characteristics
TA = 20°C to 42°C
VDD = 2.7 V
–0.13
±0.05
0.13
°C
Temperature Lookup Table
TA = 50°C
VDD = 2.7 V
-0.15
0.15
(LUT), LMT70 temperature-to-
TA = 90°C
VDD = 2.7 V
–0.20
0.20
voltage.)(1)
TA = 110°C
VDD = 2.7 V
–0.23
0.23
TA = 150°C
VDD = 2.7 V
–0.36
0.36
Accuracy temperature
VDD = 2.7V
-2.6
+2.6
m°C/°C
ATC
coefficient (note, uses end point
calculations)(2)
–55°C
≤ TA ≤ 10°C VDD = VTAO + 1.1 V
–9
–2
8
to 4.0 V
VDD = 2.0 V to 4.0
Accuracy power supply
10°C
≤ TA ≤ 120°C
V
APSS
sensitivity (note uses end point
m°C /V
calculations)
120°C
≤ TA
VDD = 2.0 V to 4.0
–15
8
150°C
V
VDD = 4 V to 5.5 V
–30
–12
0
VTAO
Output Voltage
TA = 30°C
VDD = 2.7 V
943.227
mV
Sensor gain
–5.194
mV/°C
TA approximately
VDD = 2.0 V to 3.6 V
0.1
°C
Matching of two adjacent parts
30°C
in tape and reel for
TA = 30°C to
2.5
m°C /°C
LMT70AYFQR, LMT70AYFQT
150°C
only (see curve Figure 19 for
specification at other
TA = 20°C to 30°C
VDD = 2.0 V to 3.6 V
-2.5
temperatures)(3)(2)
TA = -55°C to 30°C VDD = 2.7 V to 3.6 V
–2.5
Time stability(4)
10k hours at 90°C
–0.1
±0.01
0.1
°C
ANALOG OUTPUT
Operating output voltage
0 µA
≤IL≤5 µA
0
0.4
mV
change with load current
-5 µA
≤IL≤0 µA
-0.4
0
mV
ROUT
Output Resistance
28
80
TAO Off Leakage Current
VTAO ≤ VDD – 0.6v, VT_ON=GND
0.005
0.5
µA
VTAO ≥ 0.2V, VT_ON = GND
-0.5
-0.005
Output Load Capacitance
1100
pF
(1)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Conversion Table at the
specified conditions of supply voltage and temperature (expressed in °C). These stated accuracy limits are with reference to the values
in Electrical Characteristics Temperature Lookup Table (LUT), see Accuracy Curve for other temperatures. Accuracy limits do not
include load regulation or aging; they assume no DC load.
(2)
The accuracy temperature coefficient specification is given to indicate part to part performance and does not correlate to the limits given
in the curve Figure 3.
(3)
In order to meet the matching specification of the LMT70A, two units must be picked from adjacent positions from one tape and reel. If
PCB rework is required, involving the LMT70A, then the pair of the LMT70A matched units must be replaced. Matching features (which
include, without limitation, electrical matching characteristics of adjacent Components as they are delivered in original packaging from
TI) are warranted solely to the extent that the purchaser can demonstrate to TI’s satisfaction that the particular Component(s) at issue
were adjacent in original packaging as delivered by TI. Customers should be advised that the small size of these Components means
they are not individually traceable at the unit level and it may be difficult to establish the original position of the Components once they
have been removed from that original packaging as delivered by TI.
(4)
Determined using accelerated operational life testing at 150°C junction temperature; not tested during production.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMT70 LMT70A


Similar Part No. - LMT70A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMT70.3P02K LEIDITECH-LMT70.3P02K Datasheet
411Kb / 3P
   P- Channel MOSFMT
LMT70.66P02K LEIDITECH-LMT70.66P02K Datasheet
628Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LMT70A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
   44006RC Precision Epoxy NTC Thermistor
Rev A
logo
List of Unclassifed Man...
MF51-A ETC2-MF51-A Datasheet
252Kb / 2P
   MF51 Precision Glass Encapsulated NTC Thermistor for Temperature Measurement
logo
Zentrum Mikroelektronik...
TSIC ZMD-TSIC Datasheet
261Kb / 2P
   High Precision Temperature Sensor IC
logo
List of Unclassifed Man...
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
   MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
logo
Maxim Integrated Produc...
MAX6698 MAXIM-MAX6698 Datasheet
321Kb / 24P
   7-Channel Precision Remote-Diode, Thermistor, and Local Temperature Monitor
Rev 3; 8/07
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com