Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC3586BDFA6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTC3586BDFA6
Description  N- AND P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC3586BDFA6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTC3586BDFA6 Datasheet HTML 1Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 2Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 3Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 4Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 5Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 6Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 7Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 8Page - Cystech Electonics Corp. MTC3586BDFA6 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C835DFA6
Issued Date : 2015.11.02
Revised Date :
Page No. : 2/13
MTC3586BDFA6
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Limits
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Breakdown Voltage
BVDSS
20
-20
Gate-Source Voltage
VGS
±
12
±
12
V
Continuous Drain Current @TA=25
°C (Note 1)
ID
5
-3.3
Continuous Drain Current @TA=70
°C (Note 1)
ID
4
-2.6
Pulsed Drain Current (Note 2)
IDM
20
-20
A
Pd
1.38
W
Total Power Dissipation (Note 1)
Linear Derating Factor
0.01
W /
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : 1.Surface mounted on 1 in² copper pad of FR-4 board, t≤5 sec
2.
Pulse width limited by maximum junction temperature
N-Channel Electrical Characteristics (Tj=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
20
-
-
V
VGS=0, ID=250μA
∆BVDSS/∆Tj
-
0.02
-
V/
°C
Reference to 25
°C, ID=1mA
VGS(th)
0.5
0.7
1.2
V
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±12V, VDS=0
-
-
1
VDS=20V, VGS=0
IDSS
-
-
10
μA
VDS=16V, VGS=0, Tj=70
°C
-
27
40
ID=3.5A, VGS=4.5V
-
37
50
ID=1.2A, VGS=2.5V
*RDS(ON)
-
82
105
m
Ω
ID=0.5A, VGS=1.5V
*GFS
-
7
-
S
VDS=5V, ID=3A
Dynamic
Ciss
-
423
-
Coss
-
50
-
Crss
-
48
-
pF
VDS=20V, VGS=0, f=1MHz
*td(ON)
-
6
-
*tr
-
8
-
*td(OFF)
-
11
-
*tf
-
10
-
ns
VDS=15V, ID=1A,
VGS=5V, RG=3.3Ω, RD=15Ω
*Qg
-
6
-
*Qgs
-
0.8
-
*Qgd
-
2.5
-
nC
VDS=16V, ID=3A, VGS=4.5V
Source-Drain Diode
*VSD
-
0.77
1.2
V
VGS=0V, IS=1.2A
*trr
-
16
-
ns
*Qrr
-
8
-
nC
IS=3A, VGS=0V, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTC3586BDFA6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC3586DFA6 CYSTEKEC-MTC3586DFA6 Datasheet
438Kb / 13P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTC3586BDFA6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTB20C06KQ8 CYSTEKEC-MTB20C06KQ8 Datasheet
877Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
logo
FutureWafer Tech Co.,Lt...
FM2058NPK FUTUREWAFER-FM2058NPK Datasheet
1Mb / 9P
   N and P Channel Enhancement Mode MOSFET
13-DEC-2021 V 2.1
logo
Cystech Electonics Corp...
MTC4703H8 CYSTEKEC-MTC4703H8 Datasheet
722Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4603H8 CYSTEKEC-MTC4603H8 Datasheet
729Kb / 14P
   N- and P-Channel Enhancement Mode MOSFET
MTC4203BN8J CYSTEKEC-MTC4203BN8J Datasheet
408Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC6601N6 CYSTEKEC-MTC6601N6 Datasheet
514Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com