Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6642Q-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6642Q-Q1
Description  Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6642Q-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LMH6642Q-Q1_15 Datasheet HTML 1Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 2Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 3Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 4Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 5Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 6Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 7Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 8Page - Texas Instruments LMH6642Q-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
LMH6642Q-Q1, LMH6643Q-Q1
www.ti.com
SNOSC61C – JANUARY 2012 – REVISED SEPTEMBER 2014
5 Description (continued)
Careful attention has been paid to ensure device stability under all operating voltages and modes. The result is a
very well behaved frequency response characteristic (0.1dB gain flatness up the 12MHz under 150
Ω load and AV
= +2) with minimal peaking (typically 2dB maximum) for any gain setting and under both heavy and light loads.
This along with fast settling time (68ns) and low distortion allows the device to operate well in ADC buffer, and
high frequency filter applications as well as other applications.
This device family offers professional quality video performance with low DG (0.01%) and DP (0.01°)
characteristics. Differential Gain and Differential Phase characteristics are also well maintained under heavy
loads (150
Ω) and throughout the output voltage range. The LMH664X family is offered in single (LMH6642) and
dual (LMH6643).
6 Pin Configuration and Functions
5-Pin SOT-23 Package
8-Pin VSSOP Package
Package DBV0005A
Package DGK0008A
Top View
Top View
Pin Functions
PIN
NUMBER
I/O
DESCRIPTION
NAME
LMH6642Q
LMH6643Q
-IN
4
I
Inverting Input
+IN
3
I
Non-inverting Input
-IN A
2
I
ChA Inverting Input
+IN A
3
I
ChA Non-inverting Input
-IN B
6
I
ChB Inverting Input
+IN B
5
I
ChB Non-inverting Input
OUT A
1
O
ChA Output
OUT B
7
O
ChB Output
OUTPUT
1
O
Output
V-
2
4
I
Negative Supply
V+
5
8
I
Positive Supply
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6642Q-Q1 LMH6643Q-Q1


Similar Part No. - LMH6642Q-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6642Q-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642 TI1-LMH6642_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6644-MIL TI1-LMH6644-MIL Datasheet
855Kb / 28P
[Old version datasheet]   Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
logo
Analog Devices
ADA4692 AD-ADA4692 Datasheet
706Kb / 20P
   Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
REV. D
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com