Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1847E-050 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1847E-050
Description  Dual Temperature-Controlled NV Variable Resistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1847E-050 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1847E-050 Datasheet HTML 3Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 4Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 5Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 6Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 7Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 8Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 9Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 10Page - Dallas Semiconductor DS1847E-050 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DS1847
7 of 17
TEMPERATURE CONVERSION
The direct-to-digital temperature sensor measures temperature through the use of an on-chip temperature
measurement technique with an operating range from -40°C to +95°C. Temperature conversions are
initiated upon power-up, and the most recent result is stored in address locations E2h and E3h, which are
updated every 10ms. Temperature conversion will not occur during an active read or write to memory.
The value of each resistor is determined by the temperature-addressed look-up table that assigns a unique
value to each resistor for every 2°C increment with a 1°C hysteresis at a temperature transition over the
operating temperature range. This can be seen in Figure 2.
TEMPERATURE CONVERSION HYSTERESIS Figure 2
EXAMPLE TEMPERATURE READINGS Table 2
TEMP
BINARY DATA
HEX DATA
+95ºC
0010 1111 1000 0000
2F80h
+25.0625ºC
0000 1100 1000 1000
0C88h
-10.125ºC
1111 1010 1111 0000
FAF0h
-40ºC
1110 1100 0000 0000
EC00h
2
4
6
8
10
12
TEMPERATURE (C)
M6
M5
M4
M3
M2
M1
Increasing temp
Decreasing temp


Similar Part No. - DS1847E-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847E-050 MAXIM-DS1847E-050 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1847E-050++ MAXIM-DS1847E-050+ Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1847E-050+T&R MAXIM-DS1847E-050+T&R Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1847E-050/T&R MAXIM-DS1847E-050/T&R Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
More results

Similar Description - DS1847E-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
DS3901 MAXIM-DS3901 Datasheet
365Kb / 20P
   Triple, 8-Bit NV Variable Resistor with Dual Settings and User EEPROM
Rev 0; 4/06
DS3901E MAXIM-DS3901E Datasheet
365Kb / 20P
   Triple, 8-Bit NV Variable Resistor with Dual Settings and User EEPROM
Rev 0; 4/06
DS3906 MAXIM-DS3906 Datasheet
260Kb / 14P
   Triple NV Low Step Size Variable Resistor Plus Memory
Rev 0; 4/05
DS3902 MAXIM-DS3902 Datasheet
666Kb / 11P
   Dual, NV, Variable Resistors with User EEPROM
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com