Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB6D0N03BJ3 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTB6D0N03BJ3
Description  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB6D0N03BJ3 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

  MTB6D0N03BJ3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB6D0N03BJ3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : CA00J3
Issued Date : 2015.10.23
Revised Date :
Page No. : 9/9
MTB6D0N03BJ3
CYStek Product Specification
TO-252 Dimension
Inches
Marking:
Style: Pin 1.Gate 2.Drain 3.Source
4.Drain
3-Lead TO-252 Plastic Surface Mount Package
CYStek Package Code: J3
Device
Name
Date
Code
B6D0
N03B
□□□□
1
2
3
4
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.087
0.094
2.200
2.400
e
0.086
0.094
2.186
2.386
A1
0.000
0.005
0.000
0.127
e1
0.172
0.188
4.372
4.772
B
0.039
0.048
0.990
1.210
H
0.163 REF
4.140 REF
b
0.026
0.034
0.660
0.860
K
0.190 REF
4.830 REF
b1
0.026
0.034
0.660
0.860
L
0.386
0.409
9.800
10.400
C
0.018
0.023
0.460
0.580
L1
0.114 REF
2.900 REF
C1
0.018
0.023
0.460
0.580
L2
0.055
0.067
1.400
1.700
D
0.256
0.264
6.500
6.700
L3
0.024
0.039
0.600
1.000
D1
0.201
0.215
5.100
5.460
P
0.026 REF
0.650 REF
E
0.236
0.244
6.000
6.200
V
0.211 REF
5.350 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead : Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - MTB6D0N03BJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB6D0N03BF3 CYSTEKEC-MTB6D0N03BF3 Datasheet
425Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB6D0N03BF3-0-T7-X CYSTEKEC-MTB6D0N03BF3-0-T7-X Datasheet
425Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB6D0N03BH8 CYSTEKEC-MTB6D0N03BH8 Datasheet
470Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB6D0N03BH8-0-T6-G CYSTEKEC-MTB6D0N03BH8-0-T6-G Datasheet
470Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB6D0N03BI3 CYSTEKEC-MTB6D0N03BI3 Datasheet
400Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTB6D0N03BJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com