Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61C256AH-12T Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC61C256AH-12T
Description  32K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61C256AH-12T Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC61C256AH-12T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61C256AH-12T Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IC61C256AH
Integrated Circuit Solution Inc.
3
AHSR010-0D 4/19/2002
PIN CONFIGURATION
28-Pin DIP and SOJ and SOP
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
PIN CONFIGURATION
8x13.4mm TSOP-1
PIN DESCRIPTIONS
A0-A14
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vcc
Power
GND
Ground
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
I/O Operation
Vcc Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
(Power-down)
Output Disabled
H
L
H
High-Z
ICC1,ICC2
Read
H
L
L
DOUT
ICC1, ICC2
Write
L
L
X
DIN
ICC1, ICC2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
PD
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.


Similar Part No. - IC61C256AH-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-10K ICSI-IC61C6416-10K Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-10T ICSI-IC61C6416-10T Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-12K ICSI-IC61C6416-12K Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
IC61C6416-12KI ICSI-IC61C6416-12KI Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IC61C256AH-12T

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com