Electronic Components Datasheet Search |
|
LMH6518 Datasheet(PDF) 7 Page - Texas Instruments |
|
LMH6518 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 41 page VO_CM VOUT LMH6518 www.ti.com SNOSB21C – MAY 2008 – REVISED JULY 2013 Table 1. Definition of Terms and Specifications 1. AV_CM (dB) Change in output offset voltage ( ΔVOOS) with respect to the change in input common mode voltage ( ΔVI_CM) 2. AV_DIFF (dB) Gain with 100 Ω differential load 3. CM Common Mode 4. CMRR (dB) Common Mode rejection defined as: AV_DIFF (dB) - AV_CM (dB) 5. CMRR_CM Common Mode rejection relative to VCM defined as: ΔVOOS /ΔVCM 6. HG Preamp High Gain 7. Ladder Ladder Attenuator setting (0-20 dB) 8. LG Preamp Low Gain 9. Max Gain Gain = 38.8 dB 10. Min Gain Gain = −1.16 dB 11. +Out Positive Main Output 12. −Out Negative Main Output 13. +Out Aux Positive Auxiliary Output 14. −Out Aux Negative Auxiliary Output 15. PB Phase Balance defined as the phase difference between the complimentary outputs relative to 180° 16. PSRR Input referred VOOS shift divided by change in VCC 17. PSRR_CM Output common mode voltage change ( ΔVO_CM) with respect to VCC voltage change (ΔVCC) 18. VCM Input pin voltage that sets Main output CM 19. VCM_Aux Input pin voltage that sets Auxiliary output CM 20. VI_CM Input CM voltage (average of +IN and −IN) 21. ΔVIN (V) Differential voltage across device inputs 22. VOOS DC offset voltage. Differential output voltage measured with inputs shorted together to VCC/2 23. VO_CM Output common mode voltage (DC average of V+OUT and V−OUT) 24. VOS_CM CM offset voltage: VO_CM - VCM 25. ΔVO_CM Variation in output common mode voltage (VO_CM) 26. Balance Error. Measure of the output swing balance of “+OUT” and “ −OUT”, as reflected on the output common mode voltage (VO_CM), relative to the differential output swing (VOUT). Calculated as output common mode voltage change ( ΔVO_CM) divided by the output differential voltage change ( ΔVOUT, which is nominally around 700 mVPP) 27. ΔVOUT Change in differential output voltage (Corrected for DC offset (VOOS)) Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LMH6518 |
Similar Part No. - LMH6518_15 |
|
Similar Description - LMH6518_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |