Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95245 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM95245
Description  Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95245 Datasheet(HTML) 5 Page - Texas Instruments

  LM95245_15 Datasheet HTML 1Page - Texas Instruments LM95245_15 Datasheet HTML 2Page - Texas Instruments LM95245_15 Datasheet HTML 3Page - Texas Instruments LM95245_15 Datasheet HTML 4Page - Texas Instruments LM95245_15 Datasheet HTML 5Page - Texas Instruments LM95245_15 Datasheet HTML 6Page - Texas Instruments LM95245_15 Datasheet HTML 7Page - Texas Instruments LM95245_15 Datasheet HTML 8Page - Texas Instruments LM95245_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM95245
www.ti.com
SNIS148G – OCTOBER 2007 – REVISED MARCH 2013
Operating Ratings
(1)
Operating Temperature Range
-40°C to +125°C
Electrical Characteristics Temperature Range, TMIN ≤ TA ≤ TMAX
-40°C
≤ TA ≤ +85°C
Supply Voltage (VDD)
+3.0V to +3.6V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0 Vdc to 3.6 Vdc. Boldface limits apply for TA = TJ = TMIN
TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted. TJ is the junction temperature of the LM95245. TD is the
junction temperature of the remote thermal diode.
Unit
Parameter
Test Conditions
Typ(1)
Limits(2)
(Limit)
Temperature Accuracy Using Local
TA = 25°C to +100°C
±1
±2
°C (max)
Diode(3)
TA = -40°C to +25°C
±6
°C (max)
Temperature Accuracy Using Remote
TA = +25°C to +85°C;
45nm Intel Processor
±0.5
±0.75
°C (max)
Diode(4)
TD = +50°C to +105°C
TA = +25°C to +85°C;
45nm Intel Processor
±0.75
±1.5
°C (max)
TD = +40°C to +120°C
TA = -40°C to +25°C;
45nm Intel Processor
±3.0
°C (max)
TD = +25°C to +125°C
11
Bits
Digital Filter Off
0.125
°C
Remote Diode Measurement Resolution
13
Bits
Digital Filter On
0.03125
°C
Local Diode Measurement Resolution
11
Bits
0.125
°C
Conversion Time, Fastest Setting(5)
Local and Remote Channels
63
72
ms (max)
Local or Remote Channels
33
ms
SMBus Inactive, 1 Hz conversion rate (6)
350
670
µA (max)
Quiescent Current
Standby Mode
300
µA
D
− Source Voltage
400
mV
High-level
172
225
µA (max)
External Diode Current Source
Low-level
10.75
µA
Diode Source Current Ratio
16
2.8
V (max)
Power-On Reset Voltage
1.6
V (min)
T_CRIT Pin Temperature Threshold
Default
+110
°C
OS Pin Temperature Threshold
Default
+85
°C
(1)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not guaranteed.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM95245 and the thermal resistance. See () for the thermal resistance to be used in the self-heating
calculation.
(4)
The accuracy of the LM95245 is guaranteed when using a typical thermal diode of an Intel processor on a 45 nm process, as selected
in the Remote Diode Model Select register. See typical performance curve for performance with Intel processor on a 65nm or 90nm
process.
(5)
This specification is provided only to indicate how often temperature data is updated. The LM95245 can be read at any time without
regard to conversion state (and will yield last conversion result).
(6)
Quiescent current will not increase substantially when the SMBus is active.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM95245


Similar Part No. - LM95245_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95245CIM NSC-LM95245CIM Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM95245CIM/NOPB TI1-LM95245CIM/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM95245CIMM NSC-LM95245CIMM Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245CIMM NSC-LM95245CIMM Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM95245CIMM TI1-LM95245CIMM Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
More results

Similar Description - LM95245_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM95245 NSC-LM95245 Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
ON Semiconductor
ADT7421 ONSEMI-ADT7421 Datasheet
256Kb / 20P
   Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
January, 2010 ??Rev. 5
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com