Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95241 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM95241 Datasheet HTML 6Page - Texas Instruments LM95241 Datasheet HTML 7Page - Texas Instruments LM95241 Datasheet HTML 8Page - Texas Instruments LM95241 Datasheet HTML 9Page - Texas Instruments LM95241 Datasheet HTML 10Page - Texas Instruments LM95241 Datasheet HTML 11Page - Texas Instruments LM95241 Datasheet HTML 12Page - Texas Instruments LM95241 Datasheet HTML 13Page - Texas Instruments LM95241 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LM95241
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
CONVERSION SEQUENCE
In the power up default state the LM95241 typically takes 77.8 ms to convert the Local Temperature, Remote
Temperature 1 and 2, and to update all of its registers. Only during the conversion process is the busy bit (D7) in
the Status register (02h) high. These conversions are addressed in a round robin sequence. The conversion rate
may be modified by the Conversion Rate bits found in the Configuration Register (03h). When the conversion
rate is modified a delay is inserted between conversions, the actual maximum conversion time remains at 88.9
ms. Different conversion rates will cause the LM95241 to draw different amounts of supply current as shown in
Figure 7.
Figure 7. Conversion Rate Effect on Power Supply Current
POWER-ON-DEFAULT STATES
LM95241 always powers up to these known default states. The LM95241 remains in these states until after the
first conversion.
1. Command Register set to 00h
2. Local Temperature set to 0°C until the end of the first conversion
3. Remote Diode Temperature set to 0°C until the end of the first conversion
4. Remote Diode digital filters are on.
5. Remote Diode 1 model is set to Intel processor on 65nm or 90nm process with TruTherm Mode enabled.
Remote Diode 2 model is set to 2N3904/MMBT3904 with TruTherm mode disabled.
6. Status Register depends on state of thermal diode inputs
7. Configuration register set to 00h; continuous conversion
SMBus INTERFACE
The LM95241 operates as a slave on the SMBus, so the SMBCLK line is an input and the SMBDAT line is
bidirectional. The LM95241 never drives the SMBCLK line and it does not support clock stretching. According to
SMBus specifications, the LM95241 has a 7-bit slave address. All bits A6 through A0 are internally programmed
and cannot be changed by software or hardware. The SMBus slave address is dependent on the LM95241 part
number ordered:
Version
A6
A5
A4
A3
A2
A1
A0
LM95241CIMM
0
1
0
1
0
1
1
LM95241CIMM-1
0
0
1
1
0
0
1
LM95241CIMM-2
0
1
0
1
0
1
0
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95241


Similar Part No. - LM95241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM NSC-LM95241CIMM Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-1 NSC-LM95241CIMM-1 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-2 NSC-LM95241CIMM-2 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX NSC-LM95241CIMMX Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results

Similar Description - LM95241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com