Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95241 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM95241_15 Datasheet HTML 5Page - Texas Instruments LM95241_15 Datasheet HTML 6Page - Texas Instruments LM95241_15 Datasheet HTML 7Page - Texas Instruments LM95241_15 Datasheet HTML 8Page - Texas Instruments LM95241_15 Datasheet HTML 9Page - Texas Instruments LM95241_15 Datasheet HTML 10Page - Texas Instruments LM95241_15 Datasheet HTML 11Page - Texas Instruments LM95241_15 Datasheet HTML 12Page - Texas Instruments LM95241_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM95241
www.ti.com
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM95241 is a digital sensor that can sense the temperature of 3 thermal zones using a sigma-delta analog-
to-digital converter. It can measure its local die temperature and the temperature of two external transistor
junctions using a
ΔVbe temperature sensing method. The LM95241 can support two external transistor types, a
Intel processor on 65nm or 90mn process thermal diode or a 2N3904 diode connected transistor. The transistor
type is register programmable and does not require software intervention after initialization. The LM95241 has an
advanced input stage using Texas Instruments' TruTherm technology that reduces the spread in non-ideality
found in Intel processors on 65nm or 90nm process. Internal analog filtering has been included in the thermal
diode input stage thus minimizing the need for external thermal diode filter capacitors. In addition a digital filter
has been added. These noise immunity improvements in the analog input stage along with the digital filtering will
allow longer trace tracks or cabling to the thermal diode than previous thermal diode sensor devices.
The 2-wire serial interface, of the LM95241, is compatible with SMBus 2.0 and I2C. Please see the SMBus 2.0
specification for a detailed description of the differences between the I2C bus and SMBus.
The temperature conversion rate is programmable to allow the user to optimize the current consumption of the
LM95241 to the system requirements. The LM95241 can be placed in shutdown to minimize power consumption
when temperature data is not required. While in shutdown, a 1-shot conversion mode allows system control of
the conversion rate for ultimate flexibility.
The remote diode temperature resolution is variable and depends on whether the digital filter is activated. When
the digital filter is active the resolution is thirteen bits and is programmable to 13-bits unsigned or 12-bits plus
sign, with a least-significant-bit (LSb) weight for both resolutions of 0.03125°C. When the digital filter is inactive
the resolution is eleven bits and is programmable to 11-bits unsigned or 10-bits plus sign, with a least-significant-
bit (LSb) weight for both resolutions of 0.125°C. The unsigned resolution allows the remote diodes to sense
temperatures above 127°C. Local temperature resolution is not programmable and is always 9-bits plus sign and
has a 0.25°C LSb.
The LM95241 remote diode temperature accuracy is trimmed for the typical thermal diode of a Intel processor on
65nm or 90nm process or a typical 2N3904 transistor and the accuracy is ensured only when using either of
these diodes when selected appropriately. TruTherm mode should be enabled when measuring a Intel processor
on 65nm or 90nm process and disabled when measuring a 3904 transistor.
Diode fault detection circuitry in the LM95241 can detect the presence of a remote diode.
The LM95241 register set has an 8-bit data structure and includes:
1. Most-Significant-Byte (MSB) Local Temperature Register
2. Least-Significant-Byte (LSB) Local Temperature Register
3. MSB Remote Temperature 1 Register
4. LSB Remote Temperature 1 Register
5. MSB Remote Temperature 2 Register
6. LSB Remote Temperature 2 Register
7. Status Register: busy, diode fault
8. Configuration Register: resolution control, conversion rate control, standby control
9. Remote Diode Filter Setting
10. Remote Diode Model Select
11. Remote Diode TruTherm Mode Control
12. 1-shot Register
13. Manufacturer ID
14. Revision ID
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM95241


Similar Part No. - LM95241_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241CIMM NSC-LM95241CIMM Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-1 NSC-LM95241CIMM-1 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-2 NSC-LM95241CIMM-2 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX NSC-LM95241CIMMX Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX-1 NSC-LM95241CIMMX-1 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results

Similar Description - LM95241_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com