Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95214 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM95214
Description  Quad Remote Diode and Local Temperature Sensor with SMBus Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95214 Datasheet(HTML) 5 Page - Texas Instruments

  LM95214 Datasheet HTML 1Page - Texas Instruments LM95214 Datasheet HTML 2Page - Texas Instruments LM95214 Datasheet HTML 3Page - Texas Instruments LM95214 Datasheet HTML 4Page - Texas Instruments LM95214 Datasheet HTML 5Page - Texas Instruments LM95214 Datasheet HTML 6Page - Texas Instruments LM95214 Datasheet HTML 7Page - Texas Instruments LM95214 Datasheet HTML 8Page - Texas Instruments LM95214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LM95214
www.ti.com
SNIS146A – MARCH 2007 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3 to 6.0V
Voltage at SMBDAT, SMBCLK, TCRIT1, TCRIT2, TCRIT3
−0.5 to 6.0
Voltage at Other Pins
−0.3 to (VDD + 0.3)V
D
− Input Current
±1 mA
Input Current at All Other Pins(2)
±5 mA
Package Input Current(2)
30 mA
Output Sink Current SMBDAT, TCRIT1, TCRIT2, TCRIT3
10 mA
Storage Temperature
−65 to +150°C
ESD Susceptibility(3)
Human Body Model
2000V
Machine Model
200V
Charge Device Model
1000V
Soldering process must comply with Texas Instruments' reflow temperature profile specifications. Refer to http://www.ti.com/packaging(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5
mA. Parasitic components and or ESD protection circuitry are shown in the table below for the LM95214's pins.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. Charged
Device Model (CDM) simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated
assembler) then rapidly being discharged.
(4)
Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
Operating Ratings
(1) (2)
Operating Temperature Range
−40 to +140°C
Electrical Characteristics Temperature Range
TMIN ≤ TA ≤ TMAX°C
LM95214CISD
−40 ≤ TA ≤ +125°C
Supply Voltage Range (VDD)
+3.0 to +3.6V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Thermal resistance junction-to-ambient when attached to a 4 layer printed circuit board per JEDEC standard JESD51-7:
– 14-lead WSON = 90°C/W (no thermal vias, no airflow)
– 14-lead WSON = 63°C/W (1 thermal via, no airflow)
– 14-lead WSON = 43°C/W (6 thermal vias, no airflow)
– 14-lead WSON = 31°C/W (6 thermal vias, 900 ln. ft. / min. airflow)
Note, all quoted values include +15% error factor from nominal value.
Temperature-to-Digital Converter Electrical Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN
TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
Typical(1)
Limits(2)
Units
(Limit)
Temperature Error Using Local Diode
TA = -40°C to +125°C
(3)
±1
±2
°C (max)
Temperature Error Using an MMBT3904
TA = +25°C to +85°C
±1.1
°C (max)
Transistor Remote Diode(4)
TD = +60°C to +100°C
TA = +25°C to +85°C
±1.3
°C (max)
TD = −40°C to +125°C
TA = −40°C to +85°C
±3.0
°C (max)
TD = −40°C to +125°C
TA = −40°C to +85°C
±3.3
°C (max)
TD = 125°C to +140°C
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM95214 and the thermal resistance. See Note 2 under Operating Ratings table for the thermal
resistance to be used in the self-heating calculation.
(4)
The accuracy of the LM95214CISD is ensured when using a typical MMBT3904 diode-connected transistor. For further information on
other thermal diodes see applications DIODE NON-IDEALITY.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM95214


Similar Part No. - LM95214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95214CISD NSC-LM95214CISD Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95214CISDX NSC-LM95214CISDX Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results

Similar Description - LM95214

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com