Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95213 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM95213
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95213 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM95213_15 Datasheet HTML 7Page - Texas Instruments LM95213_15 Datasheet HTML 8Page - Texas Instruments LM95213_15 Datasheet HTML 9Page - Texas Instruments LM95213_15 Datasheet HTML 10Page - Texas Instruments LM95213_15 Datasheet HTML 11Page - Texas Instruments LM95213_15 Datasheet HTML 12Page - Texas Instruments LM95213_15 Datasheet HTML 13Page - Texas Instruments LM95213_15 Datasheet HTML 14Page - Texas Instruments LM95213_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
0.01
0.1
1
10
CONVERSION TIME (sec)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD = +3.3V
TA = 25°C
LM95213
www.ti.com
SNIS147A – MARCH 2007 – REVISED MARCH 2013
TCRIT3 Mask
7. Limit Registers
Local Tcrit Limit
Remote 1 Tcrit-1 Limit
Remote 2 Tcrit-1 Limit
Remote 1 Tcrit-2 and Tcrit-3 Limit
Remote 2 Tcrit-2 and Tcrit-3 Limit
Common Tcrit Hysteresis
8. Manufacturer ID Register
9. Revision ID Register
CONVERSION SEQUENCE
The LM95213 takes approximately 92 ms to convert the Local Temperature, Remote Temperatures 1 and 2, and
to update all of its registers. These conversions for each thermal diode are addressed in a round robin sequence.
Only during the conversion process the busy bit (D7) in Status register (02h) is high. The conversion rate may be
modified by the Conversion Rate bits found in the Configuration Register (03h). When the conversion rate is
modified a delay is inserted between each round of conversions, the actual time for each round remains at 92 ms
(typical all channels enabled). The time a round takes depends on the number of channels that are on. Different
conversion rates will cause the LM95213 to draw different amounts of average supply current as shown in
Figure 6. This curve assumes all the channels are on. If channels are turned off the average current will drop
since the round robin time will decrease and the shutdown time will increase during each conversion interval.
Figure 6. Conversion Rate Effect on Power Supply Current
POWER-ON-DEFAULT STATES
LM95213 always powers up to these known default states. The LM95213 remains in these states until after the
first conversion.
1. All Temperature readings set to 0°C until the end of the first conversion
2. Remote offset for all channels 0°C
3. Configuration: Active converting
4. Continuous conversion with all channels enabled, time = 1s
5. Enhanced digital filter enabled for Remote 1 and 2
6. Status Registers depends on state of thermal diode inputs
7. Local and Remote Temperature Limits for TCRIT1, TCRIT2 and TCRIT3 outputs:
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM95213


Similar Part No. - LM95213_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95213CISD NSC-LM95213CISD Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM95213CISDX NSC-LM95213CISDX Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
More results

Similar Description - LM95213_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95213 NSC-LM95213 Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM83 NSC-LM83 Datasheet
331Kb / 20P
   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM83 TI-LM83_15 Datasheet
337Kb / 22P
[Old version datasheet]   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com