Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F016D-150EI Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29F016D-150EI
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D-150EI Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29F016D-150EI Datasheet HTML 1Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 2Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 3Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 4Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 5Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 6Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 7Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 8Page - Advanced Micro Devices AM29F016D-150EI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Product described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21444
Rev: E Amendment/+2
Issue Date: March 23, 2001
Am29F016D
16 Megabit (2 M x 8-Bit)
CMOS 5.0 Volt-only, Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s 5.0 V
± 10%, single power supply operation
— Minimizes system level power requirements
s Manufactured on 0.23 µm process technology
— Compatible with 0.5 µm Am29F016 and 0.32 µm
Am29F016B devices
s High performance
— Access times as fast as 70 ns
s Low power consumption
— 25 mA typical active read current
— 30 mA typical program/erase current
— 1 µA typical standby current (standard access
time to active mode)
s Flexible sector architecture
— 32 uniform sectors of 64 Kbytes each
— Any combination of sectors can be erased
— Supports full chip erase
— Group sector protection:
A hardware method of locking sector groups to
prevent any program or erase operations within
that sector group
Temporary Sector Group Unprotect allows code
changes in previously locked sectors
s Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies bytes at specified addresses
s Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
s Minimum 1,000,000 program/erase cycles per
sector guaranteed
s 20-year data retention at 125
°C
— Reliable operation for the life of the system
s Package options
— 48-pin and 40-pin TSOP
— 44-pin SO
— Known Good Die (KGD)
(see publication number 21551)
s Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply Flash standard
— Superior inadvertent write protection
s Data# Polling and toggle bits
— Provides a software method of detecting program
or erase cycle completion
s Ready/Busy# output (RY/BY#)
— Provides a hardware method for detecting
program or erase cycle completion
s Erase Suspend/Erase Resume
— Suspends a sector erase operation to read data
from, or program data to, a non-erasing sector,
then resumes the erase operation
s Hardware reset pin (RESET#)
— Resets internal state machine to the read mode


Similar Part No. - AM29F016D-150EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F016D-120DGC1 AMD-AM29F016D-120DGC1 Datasheet
252Kb / 12P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DGI1 AMD-AM29F016D-120DGI1 Datasheet
252Kb / 12P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DPC1 AMD-AM29F016D-120DPC1 Datasheet
252Kb / 12P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DPI1 AMD-AM29F016D-120DPI1 Datasheet
252Kb / 12P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
AM29F016D-120DTC1 AMD-AM29F016D-120DTC1 Datasheet
252Kb / 12P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory-Die Revision 1
More results

Similar Description - AM29F016D-150EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F017B AMD-AM29F017B Datasheet
443Kb / 35P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F017D AMD-AM29F017D Datasheet
797Kb / 41P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016B AMD-AM29F016B Datasheet
477Kb / 38P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F017D SPANSION-AM29F017D Datasheet
1,021Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F016D SPANSION-AM29F016D_09 Datasheet
1Mb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F016D AMD-AM29F016D_06 Datasheet
1Mb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F080B AMD-AM29F080B Datasheet
451Kb / 37P
   8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F080B AMD-AM29F080B_06 Datasheet
770Kb / 39P
   8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV017B AMD-AM29LV017B Datasheet
510Kb / 39P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV017D AMD-AM29LV017D_05 Datasheet
948Kb / 48P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com