Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62256ALFP-15SLT Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HM62256ALFP-15SLT
Description  32,768-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256ALFP-15SLT Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HM62256ALFP-15SLT Datasheet HTML 1Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 2Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 3Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 4Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 5Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 6Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 7Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 8Page - Hitachi Semiconductor HM62256ALFP-15SLT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Function Table
WE
CS
OE
Mode
VCC current
I/O pin
Ref. cycle
———————————————————————————————————————————————–
X
H
X
Not selected
ISB, ISB1
High-Z
———————————————————————————————————————————————–
H
L
H
Output disable
ICC
High-Z
———————————————————————————————————————————————–
H
L
L
Read
ICC
Dout
Read cycle (1)–(3)
———————————————————————————————————————————————–
L
L
H
Write
ICC
Din
Write cycle (1)
———————————————————————————————————————————————–
LLLWrite
ICC
Din
Write cycle (2)
———————————————————————————————————————————————–
Note:
X: H or L
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
———————————————————————————————————————————————–
Voltage on any pin relative to VSS
VT
–0.5*1 to +7.0
V
———————————————————————————————————————————————–
Power dissipation
PT
1.0
W
———————————————————————————————————————————————–
Operating temperature
Topr
0 to +70
°C
———————————————————————————————————————————————–
Storage temperature
Tstg
–55 to +125
°C
———————————————————————————————————————————————–
Storage temperature under bias
Tbias
–10 to +85
°C
———————————————————————————————————————————————–
Note:
1. VT min = –3.0 V for pulse half-width ≤ 50 ns
Recommended DC Operating Conditions (Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
———————————————————————————————————————————————–
Supply voltage
VCC
4.5
5.0
5.5
V
———————————————————————————————–
VSS
000V
———————————————————————————————————————————————–
Input high (logic 1) voltage
VIH
2.2
6.0
V
———————————————————————————————————————————————–
Input low (logic 0) voltage
VIL
–0.5*1
0.8
V
———————————————————————————————————————————————–
Note:
1. VIL min = –3.0 V for pulse half-width ≤ 50 ns
4
HM62256A Series
HM62256A Series


Similar Part No. - HM62256ALFP-15SLT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-5SLT HITACHI-HM62256BLFP-5SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7SLT HITACHI-HM62256BLFP-7SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7T HITACHI-HM62256BLFP-7T Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
More results

Similar Description - HM62256ALFP-15SLT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
   32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
   32,768 WORD x 8 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
   32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
   32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com