Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-612B-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # STK672-612B-E
Description  2-phase Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-612B-E Datasheet(HTML) 4 Page - ON Semiconductor

  STK672-612B-E Datasheet HTML 1Page - ON Semiconductor STK672-612B-E Datasheet HTML 2Page - ON Semiconductor STK672-612B-E Datasheet HTML 3Page - ON Semiconductor STK672-612B-E Datasheet HTML 4Page - ON Semiconductor STK672-612B-E Datasheet HTML 5Page - ON Semiconductor STK672-612B-E Datasheet HTML 6Page - ON Semiconductor STK672-612B-E Datasheet HTML 7Page - ON Semiconductor STK672-612B-E Datasheet HTML 8Page - ON Semiconductor STK672-612B-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
STK672-612B-E
No. A2114-4/26
Block Diagram
Sample Application Circuit
STK672-612B-E
+
9
12
10
17
13
15
14
16
19
18
6
2
5
4
1
3
VDD(5V)
CLOCK
MODE1
MODE2
ENABLE
RESETB
FAULT1
A
AB
B
BB
Vref
R01
R03
R02
C02
0.1
μF
N.C
P.G1
P.G2
VCC
24V
C01
at least 100
μF
2 phase stepping motor driver
8
FAULT2
CWB
P.GND
VDD
VSS
FAO
FAB
FBO
FBB
AI
BI
Vref
Vref/4.9
Amplifier
R1
R2
VSS
FAULT2
8
VrefOP
7
A
4
AB
5
B
3
BB
1
Excitation mode
selection
Phase
excitation
signal
generator
Phase
advance
counter
FAULT1
FAULT2
signal
Overheating
detection
Latch
Circuit
Latch
Circuit
Current control
chopper circuit
Latch
Circuit
Power-on
reset
MODE1 10
N.C 11
MODE2 17
ENABLE 15
FAULT1 16
N.C 18
VDD=5V 9
Vref 19
CLOCK 12
CWB 13
RESETB 14
F1
F2
F3
F4
P.G1
6
P.G2
2
Output
open
detection
Overcurrent
detection


Similar Part No. - STK672-612B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-612B-E SANYO-STK672-612B-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Similar Description - STK672-612B-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com