Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5682P Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV5682P
Description  Multi-Power Supply System IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5682P Datasheet(HTML) 2 Page - ON Semiconductor

  LV5682P Datasheet HTML 1Page - ON Semiconductor LV5682P Datasheet HTML 2Page - ON Semiconductor LV5682P Datasheet HTML 3Page - ON Semiconductor LV5682P Datasheet HTML 4Page - ON Semiconductor LV5682P Datasheet HTML 5Page - ON Semiconductor LV5682P Datasheet HTML 6Page - ON Semiconductor LV5682P Datasheet HTML 7Page - ON Semiconductor LV5682P Datasheet HTML 8Page - ON Semiconductor LV5682P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LV5682P
No.A1833-2/15
Specifications
Absolute Maximum Ratings
at Ta = 25
C
Parameter
Conditions
Conditions
Ratings
Unit
Supply voltage
VCC max
36
V
Allowable Power dissipation
Pd max
Independent IC
Ta
 25C
2.7
W
With an infinity heat sink
65
W
Peak supply voltage
VCC peak
Each output is a no load.
See below for the waveform applied.
50
V
Junction temperature
Tj max
150
C
Operating ambient temperature
Topr
-40 to +85
C
Storage temperature
Tstg
-55 to +150
C
Allowable Operating range
at Ta = 25
C
Parameter
Conditions
Ratings
Unit
Operating supply voltage 1
VDD output, SW output and ACC output total current  0.5A
7.5 to 30
V
VDD output, SW output and ACC output total current  0.4A
7.5 to 32
V
Operating supply voltage 2
ILM output at 10V
12 to 32
V
ILM output at 8V
10 to 32
V
Operating supply voltage 3
Audio output at 9V
10 to 32
V
Operating supply voltage 4
CD output (CD output current
 1.3A)
10.5 to 24
V
CD output (CD output current
 0.7A)
10 to 32
V
* The area of safe operation of each output is shown in P13-15. Please perform a set design based on an area of safe operation.
Electrical Characteristics
at VCC = 24V, Ta = 25°C (*1)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
VDD no load, CTRL1/2 = L/L, ACC = 0V
400
800
A
CTRL1 Input
Low input voltage
VIL1
0
0.5
V
M1 input voltage
VIM11
0.8
1.1
1.4
V
M2 input voltage
VIM21
1.9
2.2
2.5
V
High input voltage
VIH1
2.9
3.3
5.5
V
Input impedance
RIH1
350
500
650
k
CTRL2 Input
Low input voltage
VIL2
0
0.5
V
M input voltage
VIM2
1.1
1.65
2.1
V
High input voltage
VIH2
2.5
3.3
5.5
V
Input impedance
RIH2
350
500
650
k
VDD 5V Output *2
The VDD 5V output supplies the output currents of SW 5V and ACC 5V.
Output voltage 1
VO1
IO1 = 200mA, IO7, IO8 = 0A
4.75
5.0
5.25
V
Output voltage 2
VO1’
IO1 = 200mA, IO7 = 200mA, IO8 = 100mA
4.75
5.0
5.25
V
Output total current
Ito1
VO1  4.75V, Ito1 = IO1+IO7+IO8
500
mA
Line regulation
VOLN1
22V
 VCC  32V, IO1 = 200mA *3
30
90
mV
Load regulation
VOLD1
1mA
 IO1  200mA *3
70
150
mV
Dropout voltage 1
VDROP1
IO1 = 200mA *3
1.0
1.5
V
Dropout voltage 2
VDROP1’
IO1 = 100mA *3
0.7
1.05
V
Dropout voltage 3
VDROP1”
IO1+IO7+IO8 = 500mA
2.5
3.75
V
Ripple rejection
RREJ1
f = 120Hz, IO1 = 200mA *3
40
50
dB
*1: All the specifications are provided for by the test by the fact that Tj(=25
C) is almost equal. To suppress the rise of Tj in the joint part temperature as much
as possible, it tests by the pulse loading.
*2 : The VDD 5V output also supplies the output currents of SW 5V and ACC 5V. Therefore, the current supply capability of the VDD 5V output and its other
electrical characteristics are affected by the output statuses of SW 5V and ACC 5V.
*3 : SW 5V and ACC 5V are not subject to a load.
Continued on next page.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results

Similar Description - LV5682P

ManufacturerPart #DatasheetDescription
logo
Rohm
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com