Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP107BID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP107BID
Description  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP107BID Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP107BID Datasheet HTML 4Page - Texas Instruments TMP107BID Datasheet HTML 5Page - Texas Instruments TMP107BID Datasheet HTML 6Page - Texas Instruments TMP107BID Datasheet HTML 7Page - Texas Instruments TMP107BID Datasheet HTML 8Page - Texas Instruments TMP107BID Datasheet HTML 9Page - Texas Instruments TMP107BID Datasheet HTML 10Page - Texas Instruments TMP107BID Datasheet HTML 11Page - Texas Instruments TMP107BID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
0
5
10
15
20
25
30
5.5 V
3.3 V
1.7 V
Power Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
250
275
300
325
350
375
400
425
450
475
500
+125C
+25C
40C
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
0
1
2
3
4
5
6
7
8
5.5 V
3.3 V
1.7 V
Bus Speed (KBaud)
0
10
20
30
40
50
60
70
80
90 100 110 120
0
25
50
75
100
125
150
175
200
225
250
5.5 V
4.4 V
3.3 V
2.2 V
1.7 V
Power Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
55GC
20GC
+25GC
+80GC
+125GC
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
120
135
150
165
180
195
210
225
240
255
270
285
300
315
330
5.5V
3.3V
1.7V
TMP107
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
One-shot mode
No bus communication
Figure 8. Temperature Error vs Power Supply Voltage
Figure 9. Continuous-Conversion Current vs Temperature
Shutdown mode
Figure 10. Shutdown Current vs Temperature
Figure 11. Quiescent Current vs SMAART Wire Bus Speed
1 conversion per second
Figure 13. EEPROM Programming (Write) Current
Figure 12. Average Quiescent Current vs Temperature
vs Power Supply Voltage
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMP107


Similar Part No. - TMP107BID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

Similar Description - TMP107BID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com