Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP100-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100-EP
Description  TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP100-EP Datasheet HTML 4Page - Texas Instruments TMP100-EP Datasheet HTML 5Page - Texas Instruments TMP100-EP Datasheet HTML 6Page - Texas Instruments TMP100-EP Datasheet HTML 7Page - Texas Instruments TMP100-EP Datasheet HTML 8Page - Texas Instruments TMP100-EP Datasheet HTML 9Page - Texas Instruments TMP100-EP Datasheet HTML 10Page - Texas Instruments TMP100-EP Datasheet HTML 11Page - Texas Instruments TMP100-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP100
Temperature
GND
SCL
1
2
3
6
5
4
1
2
3
6
5
4
ADD1
SDA
ADD0
V+
Diode
Sensor
∆Σ
ADC
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP101
Temperature
GND
SCL
ALERT
SDA
ADD0
V+
Temp.
Temp.
TMP100, TMP101
SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TMP100 and TMP101 devices are digital temperature sensors optimal for thermal management and thermal
protection applications. The TMP100 and TMP101 devices are Two-Wire, SMBus, and I2C interface-compatible.
These devices are specified over a operating temperature range of
−55°C to 125°C. The Functional Block
Diagram section shows the internal block diagrams of the TMP100 and TMP101 devices.
The temperature sensor in the TMP100 and TMP101 devices is the chip itself. Thermal paths run through the
package leads as well as the plastic package. The package leads provide the primary thermal path because of
the lower thermal resistance of the metal. The GND pin of the TMP100 or TMP101 is directly connected to the
metal lead frame, and is the best choice for thermal input.
7.2 Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TMP100 TMP101


Similar Part No. - TMP100-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Similar Description - TMP100-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com