Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP100-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP100-Q1
Description  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TMP100-Q1_15 Datasheet HTML 1Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 2Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 3Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 4Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 5Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 6Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 7Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 8Page - Texas Instruments TMP100-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SCL
GND
ADD1
SDA
ADD0
V+
1
2
3
6
5
4
TMP100-Q1
DBV PACKAGE
(TOP VIEW)
SCL
GND
ALERT
SDA
ADD0
V+
1
2
3
6
5
4
TMP101-Q1
DBV PACKAGE
(TOP VIEW)
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
andTemp
Register
TMP100-Q1
Temperature
GND
SCL
1
2
3
6
5
4
1
2
3
6
5
4
ADD1
SDA
ADD0
V+
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
andTemp
Register
TMP101-Q1
Temperature
GND
SCL
ALERT
SDA
ADD0
V+
TMP100-Q1
TMP101-Q1
www.ti.com
SBOS581
– SEPTEMBER 2011
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
Check for Samples: TMP100-Q1, TMP101-Q1
1
FEATURES
APPLICATIONS
Qualified for Automotive Applications
Power-Supply Temperature Monitoring
Digital Output: I2C Serial 2-Wire
Computer Peripheral Thermal Protection
Resolution: 9- to 12-Bits, User-Selectable
Battery Management
Accuracy:
±2.0°C from −25°C to 85°C (max)
Thermostat Controls
±3.0°C from −40°C to 125°C (max)
Electromechanical Device Temperature
Low Quiescent Current: 45
μA, 0.1 μA Standby
Wide Supply Range: 2.7 V to 5.5 V
Tiny SOT23-6 Package
DESCRIPTION
The TMP100-Q1-Q1 and TMP101-Q1 are two-wire, serial output temperature sensors available in SOT23-6
packages. Requiring no external components, the TMP100-Q1-Q1 and TMP101-Q1 are capable of reading
temperatures with a resolution of 0.0625
°C.
The TMP100-Q1-Q1 and TMP101-Q1 feature SMBus and I2C interface compatibility, with the TMP100-Q1
allowing up to eight devices on one bus. The TMP101-Q1 offers SMBus alert function with up to three devices
per bus.
The TMP100-Q1 and TMP101-Q1 are ideal for extended temperature measurement in a variety of
communication, computer, consumer, environmental, industrial, and instrumentation applications.
The TMP100-Q1 and TMP101-Q1 are specified for operation over a temperature range of
−40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP100-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

Similar Description - TMP100-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com