Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5195 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5195
Description  Silicon PNP Power Transistors(4 AMPERE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5195 Datasheet(HTML) 1 Page - ON Semiconductor

  2N5195 Datasheet HTML 1Page - ON Semiconductor 2N5195 Datasheet HTML 2Page - ON Semiconductor 2N5195 Datasheet HTML 3Page - ON Semiconductor 2N5195 Datasheet HTML 4Page - ON Semiconductor 2N5195 Datasheet HTML 5Page - ON Semiconductor 2N5195 Datasheet HTML 6Page - ON Semiconductor 2N5195 Datasheet HTML 7Page - ON Semiconductor 2N5195 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Silicon PNP Power Transistors
. . . for use in power amplifier and switching circuits, — excellent
safe area limits. Complement to NPN 2N5191, 2N5192
*MAXIMUM RATINGS
Rating
Symbol
2N5194
2N5195
Unit
Collector–Emitter Voltage
VCEO
60
80
Vdc
Collector–Base Voltage
VCB
60
80
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current
IC
4.0
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
40
320
Watts
mW/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C/W
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
3.12
_C/W
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 0.1 Adc, IB = 0)
2N5194
2N5195
VCEO(sus)
60
80
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
2N5194
(VCE = 80 Vdc, IB = 0)
2N5195
ICEO
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc)
2N5194
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc)
2N5195
(VCE = 60 Vdc, VBE(off) = 1.5 Vdc, TC = 125_C)
2N5194
(VCE = 80 Vdc, VBE(off) = 1.5 Vdc, TC = 125_C)
2N5195
ICEX
0.1
0.1
2.0
2.0
mAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
2N5194
(VCB = 80 Vdc, IE = 0)
2N5195
ICBO
0.1
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
*Indicates JEDEC Registered Data.
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
Preferred devices are ON Semiconductor recommended choices for future use and best overall value.
ON Semiconductor)
© Semiconductor Components Industries, LLC, 2002
April, 2002 – Rev. 10
1
Publication Order Number:
2N5194/D
2N5194
2N5195
*ON Semiconductor Preferred Device
4 AMPERE
POWER TRANSISTORS
SILICON PNP
60–80 VOLTS
*
CASE 77–09
TO–225AA TYPE
3
2 1
STYLE 1:
PIN 1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - 2N5195

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
61Kb / 5P
   MEDIUM POWER PNP SILICON TRANSISTOR
June 1997
logo
New Jersey Semi-Conduct...
2N5195 NJSEMI-2N5195 Datasheet
140Kb / 2P
   Silicon PNP Power Transistors
logo
Central Semiconductor C...
2N5195 CENTRAL-2N5195 Datasheet
60Kb / 1P
   PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
STMicroelectronics
2N5195 STMICROELECTRONICS-2N5195 Datasheet
122Kb / 5P
   MEDIUM POWER PNP SILICON TRANSISTOR
logo
ON Semiconductor
2N5195 ONSEMI-2N5195 Datasheet
86Kb / 6P
   Silicon PNP Power Transistors
October, 2006 ??Rev. 12
More results

Similar Description - 2N5195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5194G ONSEMI-2N5194G_13 Datasheet
142Kb / 6P
   Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
2N6190 NJSEMI-2N6190 Datasheet
155Kb / 1P
   5 AMPERE POWER TRANSISTORS PNP SILICON
2N5344 NJSEMI-2N5344 Datasheet
125Kb / 1P
   1 AMPERE POWER TRANSISTORS PNP SILICON
2N6378 NJSEMI-2N6378 Datasheet
204Kb / 2P
   50 AMPERE POWER TRANSISTORS PNP SILICON
2N6182 NJSEMI-2N6182 Datasheet
259Kb / 2P
   10 AMPERE POWER TRANSISTORS PNP SILICON
logo
Motorola, Inc
2N6049 MOTOROLA-2N6049 Datasheet
251Kb / 6P
   4 AMPERE POWER TRANSISTOR PNP SILICON
BD206 MOTOROLA-BD206 Datasheet
89Kb / 2P
   10 AMPERE POWER TRANSISTOR PNP SILICON
BD311 MOTOROLA-BD311 Datasheet
103Kb / 3P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
   10 AMPERE POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6546 NJSEMI-2N6546 Datasheet
114Kb / 1P
   15 AMPERE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com