Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQH1213 Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # AQH1213
Description  AQ-H SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQH1213 Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  AQH1213 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQH1213 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQH1213 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQH1213 Datasheet HTML 4Page - Nais(Matsushita Electric Works) AQH1213 Datasheet HTML 5Page - Nais(Matsushita Electric Works) AQH1213 Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AQ-H
5
2) Tube
Devices are packaged in a tube so pin No.
1 is on the stopper B side. Observe
correct orientation when mounting them
on PC boards.
(DIP type)
9. Transportation and storage
1) Extreme vibration during transport will
warp the lead or damage the relay.
Handle the outer and inner boxes with
care.
2) Storage under extreme conditions will
cause soldering degradation, external
appearance defects, and deterioration of
the characteristics. The following storage
conditions are recommended:
• Temperature: 0 to 45
°C 32 to 113°F
• Humidity: Less than 70% R.H.
• Atomosphere: No harmful gasses such
as sulfurous acid gas, minimal dust.
StopperB
StopperA


Similar Part No. - AQH1213

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQH3213A PANASONIC-AQH3213A Datasheet
1Mb / 3P
   Compact DIP type SSR Ideal for AC load control
logo
Littelfuse
AQHV12-01ETG LITTELFUSE-AQHV12-01ETG Datasheet
874Kb / 6P
   AQHVxx-01ETG series 200W Unidirectional TVS Diode
2018 Littelfuse, Inc.
AQHV12-01ETG-C LITTELFUSE-AQHV12-01ETG-C Datasheet
812Kb / 6P
   General Purpose ESD Protection
2021 Littelfuse, Inc
AQHV12-01LTG LITTELFUSE-AQHV12-01LTG Datasheet
1Mb / 7P
   AQHVxx-01LTG Series 250W Discrete Unidirectional TVS Diode
2018 Littelfuse, Inc
AQHV15-01ETG LITTELFUSE-AQHV15-01ETG Datasheet
874Kb / 6P
   AQHVxx-01ETG series 200W Unidirectional TVS Diode
2018 Littelfuse, Inc.
More results

Similar Description - AQH1213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQK1211 ETC2-AQK1211 Datasheet
62Kb / 2P
   AQ-K SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com