Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5194 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N5194
Description  Silicon PNP Power Transistors(4 AMPERE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5194 Datasheet(HTML) 5 Page - ON Semiconductor

  2N5194 Datasheet HTML 1Page - ON Semiconductor 2N5194 Datasheet HTML 2Page - ON Semiconductor 2N5194 Datasheet HTML 3Page - ON Semiconductor 2N5194 Datasheet HTML 4Page - ON Semiconductor 2N5194 Datasheet HTML 5Page - ON Semiconductor 2N5194 Datasheet HTML 6Page - ON Semiconductor 2N5194 Datasheet HTML 7Page - ON Semiconductor 2N5194 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N5194 2N5195
http://onsemi.com
5
DESIGN NOTE: USE OF TRANSIENT THERMAL RESISTANCE DATA
tP
PP
PP
t1
1/f
DUTY CYCLE, D = t1 f =
t1
tP
PEAK PULSE POWER = PP
Figure 13.
A train of periodical power pulses can be represented by
the model shown in Figure 13. Using the model and the
device thermal response, the normalized effective transient
thermal resistance of Figure 12 was calculated for various
duty cycles.
To find
θJC(t), multiply the value obtained from Figure 12
by the steady state value
θJC.
Example:
The 2N5193 is dissipating 50 watts under the following
conditions: t1 = 0.1 ms, tp = 0.5 ms. (D = 0.2).
Using Figure 12, at a pulse width of 0.1 ms and D = 0.2,
the reading of r(t1, D) is 0.27.
The peak rise in junction temperature is therefore:
∆T = r(t) x PP x θJC = 0.27 x 50 x 3.12 = 42.2_C


Similar Part No. - 2N5194

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5194 CENTRAL-2N5194 Datasheet
60Kb / 1P
   PNP SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
ON Semiconductor
2N5194 ONSEMI-2N5194 Datasheet
86Kb / 6P
   Silicon PNP Power Transistors
October, 2006 ??Rev. 12
logo
Savantic, Inc.
2N5194 SAVANTIC-2N5194 Datasheet
105Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N5194 JMNIC-2N5194 Datasheet
48Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5194 ISC-2N5194 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2N5194

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5194G ONSEMI-2N5194G_13 Datasheet
142Kb / 6P
   Silicon PNP Power Transistors 4 AMPERE POWER TRANSISTORS PNP SILICON 60 ??80 VOLTS
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
2N6190 NJSEMI-2N6190 Datasheet
155Kb / 1P
   5 AMPERE POWER TRANSISTORS PNP SILICON
2N5344 NJSEMI-2N5344 Datasheet
125Kb / 1P
   1 AMPERE POWER TRANSISTORS PNP SILICON
2N6378 NJSEMI-2N6378 Datasheet
204Kb / 2P
   50 AMPERE POWER TRANSISTORS PNP SILICON
2N6182 NJSEMI-2N6182 Datasheet
259Kb / 2P
   10 AMPERE POWER TRANSISTORS PNP SILICON
logo
Motorola, Inc
2N6049 MOTOROLA-2N6049 Datasheet
251Kb / 6P
   4 AMPERE POWER TRANSISTOR PNP SILICON
BD206 MOTOROLA-BD206 Datasheet
89Kb / 2P
   10 AMPERE POWER TRANSISTOR PNP SILICON
BD311 MOTOROLA-BD311 Datasheet
103Kb / 3P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
   10 AMPERE POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6546 NJSEMI-2N6546 Datasheet
114Kb / 1P
   15 AMPERE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com