Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP75B-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75B-Q1
Description  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75B-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP75B-Q1 Datasheet HTML 2Page - Texas Instruments TMP75B-Q1 Datasheet HTML 3Page - Texas Instruments TMP75B-Q1 Datasheet HTML 4Page - Texas Instruments TMP75B-Q1 Datasheet HTML 5Page - Texas Instruments TMP75B-Q1 Datasheet HTML 6Page - Texas Instruments TMP75B-Q1 Datasheet HTML 7Page - Texas Instruments TMP75B-Q1 Datasheet HTML 8Page - Texas Instruments TMP75B-Q1 Datasheet HTML 9Page - Texas Instruments TMP75B-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Temperature Error (
SC)
C006
±3
±2
±1
0
1
2
3
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Mean
Mean - 6
Mean + 6
C005
20
21
22
23
24
25
26
27
28
29
30
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Vs = 1.4V
Vs = 1.8V
Vs = 3.6V
C003
0
25
50
75
100
125
150
175
200
10
100
1000
10000
Bus Frequency (kHz)
Ta = -Û&
7D Û&
7D Û&
C004
0
10
20
30
40
50
60
70
80
90
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
CR = '0h'
CR = '1h'
CR = '2h'
CR = '3h'
C001
0
1
2
3
4
5
6
7
8
9
10
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Vs = 1.4V
Vs = 1.8V
Vs = 3.6V
C002
TMP75B
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
6.6 Typical Characteristics
At TA = 25°C and VS = +1.8 V (unless otherwise noted).
Figure 1. Quiescent Current vs Temperature
Figure 2. Shutdown Current vs Temperature
Figure 3. Conversion Time vs Temperature
Figure 4. Quiescent Current vs Bus Frequency
Figure 6. Temperature Error at 25°C
Figure 5. Temperature Error vs Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75B


Similar Part No. - TMP75B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Similar Description - TMP75B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com