Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP75BIDGKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP75BIDGKR
Description  TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP75BIDGKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP75BIDGKR Datasheet HTML 6Page - Texas Instruments TMP75BIDGKR Datasheet HTML 7Page - Texas Instruments TMP75BIDGKR Datasheet HTML 8Page - Texas Instruments TMP75BIDGKR Datasheet HTML 9Page - Texas Instruments TMP75BIDGKR Datasheet HTML 10Page - Texas Instruments TMP75BIDGKR Datasheet HTML 11Page - Texas Instruments TMP75BIDGKR Datasheet HTML 12Page - Texas Instruments TMP75BIDGKR Datasheet HTML 13Page - Texas Instruments TMP75BIDGKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TMP75B
SBOS706B – APRIL 2014 – REVISED AUGUST 2014
www.ti.com
7.3.3 Serial Interface
The TMP75B operates as a slave device only on the two-wire bus and SMBus. Connections to the bus are made
using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated spike-suppression filters
and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP75B supports the
transmission protocol for both fast (1 kHz to 400 kHz) and high-speed (1 kHz to 3 MHz) modes. All data bytes
are transmitted MSB first.
7.3.3.1 Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the start and stop conditions.
To address a specific device, initiate a start condition by pulling the data line (SDA) from a high to a low logic
level while SCL is high. All slaves on the bus shift in the slave address byte; the last bit indicates whether a read
or write operation follows. During the ninth clock pulse, the slave being addressed responds to the master by
generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer, SDA must remain stable while SCL is high because any change in SDA while SCL is high is interpreted
as a start or stop signal.
After all data have been transferred, the master generates a stop condition indicated by pulling SDA from low to
high, while SCL is high.
7.3.3.2 Serial Bus Address
To communicate with the TMP75B, the master must first communicate with slave devices using a slave address
byte. The slave address byte consists of seven address bits, and a direction bit indicating the intent of executing
either a read or write operation. The TMP75B features three address pins that allow up to eight devices to be
addressed on a single bus. The TMP75B latches the status of the address pins at the start of a communication.
Table 2 describes the pin logic levels and the corresponding address values.
Table 2. Address Pin Connections and Slave Addresses
DEVICE TWO-WIRE ADDRESS
A2
A1
A0
1001000
GND
GND
GND
1001001
GND
GND
VS
1001010
GND
VS
GND
1001011
GND
VS
VS
1001100
VS
GND
GND
1001101
VS
GND
VS
1001110
VS
VS
GND
1001111
VS
VS
VS
7.3.3.3 Writing and Reading Operation
Accessing a particular register on the TMP75B is accomplished by writing the appropriate value to the pointer
register. The value for the pointer register is the first byte transferred after the slave address byte with the R/W
bit low. Every write operation to the TMP75B requires a value for the pointer register (see Figure 9).
When reading from the TMP75B, the last value stored in the pointer register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, a new
value must be written to the pointer register. This action is accomplished by issuing a slave address byte with the
R/W bit low, followed by the pointer register byte. No additional data are required. The master can then generate
a start condition and send the slave address byte with the R/W bit high to initiate the read command. See
Figure 10 for details of this sequence. If repeated reads from the same register are desired, there is no need to
continually send the pointer register bytes because the TMP75B stores the pointer register value until it is
changed by the next write operation.
Note that register bytes are sent with the most significant byte first, followed by the least significant byte.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75B


Similar Part No. - TMP75BIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKRQ1 TI-TMP75BQDGKRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDGKTQ1 TI-TMP75BQDGKTQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDQ1 TI-TMP75BQDQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BQDRQ1 TI-TMP75BQDRQ1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

Similar Description - TMP75BIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com