Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62256ALSP-10SL Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM62256ALSP-10SL
Description  32,768-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256ALSP-10SL Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM62256ALSP-10SL Datasheet HTML 1Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 2Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 3Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 4Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 5Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 6Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 7Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 8Page - Hitachi Semiconductor HM62256ALSP-10SL Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The Hitachi HM62256A is a CMOS static RAM
organized 32-kword
× 8-bit. It realizes higher
performance and low power consumption by
employing 0.8 µm Hi-CMOS process technology.
The device, packaged in a 8
× 14 mm TSOP with
thickness of 1.2 mm, 450-mil SOP (foot print pitch
width), 600-mil plastic DIP, or 300-mil plastic DIP,
is available for high density mounting. TSOP
package is suitable for cards, and reverse type
TSOP is also provided. It offers low power
standby power dissipation; therefore, it is suitable
for battery back up system.
Features
• High speed: Fast Access time 85/100/120/150 ns
(max)
• Low Power
Standby: 5 µW (typ) (L/L-SL version)
Operation: 40 mW (typ) (f = 1 MHz)
• Single 5 V supply
• Completely static memory
No clock or timing strobe required
• Equal access and cycle times
• Common data input and output: Three state
output
• Directly TTL compatible: All inputs and outputs
• Capability of battery back up operation
Ordering Information
Type No.
Access time Package
——————————————————————–
HM62256AP-8
85 ns
600-mil
HM62256AP-10
100 ns
28-pin
HM62256AP-12
120 ns
plastic DIP
HM62256AP-15
150 ns
(DP-28)
————————————————–
HM62256ALP-8
85 ns
HM62256ALP-10
100 ns
HM62256ALP-12
120 ns
HM62256ALP-15
150 ns
————————————————–
HM62256ALP-8SL
85 ns
HM62256ALP-10SL
100 ns
HM62256ALP-12SL
120 ns
HM62256ALP-15SL
150 ns
——————————————————————–
HM62256ASP-8
85 ns
300-mil
HM62256ASP-10
100 ns
28-pin
HM62256ASP-12
120 ns
plastic DIP
HM62256ASP-15
150 ns
(DP-28NA)
————————————————–
HM62256ALSP-8
85 ns
HM62256ALSP-10
100 ns
HM62256ALSP-12
120 ns
HM62256ALSP-15
150 ns
————————————————–
HM62256ALSP-8SL
85 ns
HM62256ALSP-10SL 100 ns
HM62256ALSP-12SL 120 ns
HM62256ALSP-15SL 150 ns
——————————————————————–
HM62256AFP-8T
85 ns
450-mil
HM62256AFP-10T
100 ns
28-pin
HM62256AFP-12T
120 ns
plastic SOP
HM62256AFP-15T
150 ns
(FP-28DA)
————————————————–
HM62256ALFP-8T
85 ns
HM62256ALFP-10T
100 ns
HM62256ALFP-12T
120 ns
HM62256ALFP-15T
150 ns
————————————————–
HM62256ALFP-8SLT
85 ns
HM62256ALFP-10SLT 100 ns
HM62256ALFP-12SLT 120 ns
HM62256ALFP-15SLT 150 ns
——————————————————————–
1
HM62256A Series
Maintenance only
32,768-word
× 8-bit High Speed CMOS Static RAM
Note: This device is not available for new application.


Similar Part No. - HM62256ALSP-10SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-5SLT HITACHI-HM62256BLFP-5SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7SLT HITACHI-HM62256BLFP-7SLT Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM62256BLFP-7T HITACHI-HM62256BLFP-7T Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
More results

Similar Description - HM62256ALSP-10SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
   32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
   32,768 WORD x 8 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
   32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC51832AP TOSHIBA-TC51832AP Datasheet
449Kb / 8P
   32,768 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55257DPI TOSHIBA-TC55257DPI Datasheet
442Kb / 11P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPI TOSHIBA-TC55257CPI_V01 Datasheet
382Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPI TOSHIBA-TC55257BPI Datasheet
356Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257CPL TOSHIBA-TC55257CPL Datasheet
393Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
TC55257BPL TOSHIBA-TC55257BPL Datasheet
226Kb / 7P
   32,768 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com