Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F6408Q0C Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K9F6408Q0C
Description  8M x 8 Bit Bit NAND Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F6408Q0C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K9F6408Q0C Datasheet HTML 2Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 3Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 4Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 5Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 6Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 7Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 8Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 9Page - Samsung semiconductor K9F6408Q0C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
FLASH MEMORY
6
K9F6408U0C
K9F6408Q0C
PIN DESCRIPTION
NOTE : Connect all VCC and VSS pins of each device to common power supply outputs.
Do not leave VCC or VSS disconnected.
Pin Name
Pin Function
I/O0 ~ I/O7
DATA INPUTS/OUTPUTS
The I/O pins are used to input command, address and data, and to output data during read operations. The I/
O pins float to high-z when the chip is deselected or when the outputs are disabled.
CLE
COMMAND LATCH ENABLE
The CLE input controls the activating path for commands sent to the command register. When active high,
commands are latched into the command register through the I/O ports on the rising edge of the WE signal.
ALE
ADDRESS LATCH ENABLE
The ALE input controls the activating path for address to the internal address registers. Addresses are
latched on the rising edge of WE with ALE high.
CE
CHIP ENABLE
The CE input is the device selection control. When the device is in the Busy state, CE high is ignored, and
the device does not return to standby mode in program or erase operation. Regarding CE control during read
operation, refer to ’Page read’section of Device operation .
RE
READ ENABLE
The RE input is the serial data-out control, and when active drives the data onto the I/O bus. Data is valid
tREA after the falling edge of RE which also increments the internal column address counter by one.
WE
WRITE ENABLE
The WE input controls writes to the I/O port. Commands, address and data are latched on the rising edge of
the WE pulse.
WP
WRITE PROTECT
The WP pin provides inadvertent write/erase protection during power transitions. The internal high voltage
generator is reset when the WP pin is active low.
R/B
READY/BUSY OUTPUT
The R/B output indicates the status of the device operation. When low, it indicates that a program, erase or
random read operation is in process and returns to high state upon completion. It is an open drain output and
does not float to high-z condition when the chip is deselected or when outputs are disabled.
VccQ
OUTPUT BUFFER POWER
VccQ is the power supply for Output Buffer.
VccQ is internally connected to Vcc, thus should be biased to Vcc.
Vcc
POWER
VCC is the power supply for device.
Vss
GROUND
N.C
NO CONNECTION
Lead is not internally connected.
GND
GND INPUT FOR ENABLING SPARE AREA
To do sequential read mode including spare area , connect this input pin to Vss or set to static low state
or to do sequential read mode excluding spare area , connect this input pin to Vcc or set to static high state .
DNU
DO NOT USE
Leave it disconnected.


Similar Part No. - K9F6408Q0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F6408U0A-TIB0 SAMSUNG-K9F6408U0A-TIB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F6408U0B SAMSUNG-K9F6408U0B Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F6408U0B-TIB0 SAMSUNG-K9F6408U0B-TIB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F6408Q0C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29U64000T SAMSUNG-KM29U64000T Datasheet
481Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F6408U0M-TCB0 SAMSUNG-K9F6408U0M-TCB0 Datasheet
480Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29V64001T SAMSUNG-KM29V64001T Datasheet
1Mb / 24P
   8M X 8 BIT NAND FLASH MEMORY
KM29V64001TS SAMSUNG-KM29V64001TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLASH MEMORY
K9F6408U0C SAMSUNG-K9F6408U0C Datasheet
784Kb / 30P
   8M x 8 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
KM29V64000TS SAMSUNG-KM29V64000TS Datasheet
1Mb / 22P
   8M X 8 BIT NAND FLSH MEMORY
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com