Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9703 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9703
Description  10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9703 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9703 Datasheet HTML 1Page - Maxim Integrated Products MAX9703 Datasheet HTML 2Page - Maxim Integrated Products MAX9703 Datasheet HTML 3Page - Maxim Integrated Products MAX9703 Datasheet HTML 4Page - Maxim Integrated Products MAX9703 Datasheet HTML 5Page - Maxim Integrated Products MAX9703 Datasheet HTML 6Page - Maxim Integrated Products MAX9703 Datasheet HTML 7Page - Maxim Integrated Products MAX9703 Datasheet HTML 8Page - Maxim Integrated Products MAX9703 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
10W Stereo/15W Mono, Filterless,
Spread-Spectrum, Class D Amplifiers
4
_______________________________________________________________________________________
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 15V
RL = 4
AV = 16dB
POUT = 4W
POUT = 500mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 15V
RL = 8
AV = 16dB
POUT = 500mW
POUT = 8W
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 20V
RL = 8
AV = 16dB
POUT = 8W
POUT = 500mW
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
1
10
0.01
10
100k
VDD = 20V
RL = 8
AV = 16dB
POUT = 8W
SSM
FFM
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
4
2
68
10 12 14 16 18
0.1
1
10
100
0.01
020
VDD = 20V
RL = 8
AV = 16dB
f = 100Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
6
45
2
3
1
0.1
1
10
100
0.01
010
9
78
VDD = 15V
RL = 4
AV = 16dB
f = 10kHz
f = 1kHz
f = 100Hz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
1 2 3456 7 8 9 10 11 12 13 14
0.1
1
10
0.01
015
VDD = 15V
RL = 8
AV = 16dB
f = 100Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. OUTPUT POWER
OUTPUT POWER (W)
12 3 4 56 7 8 9 10111213141516171819
0.1
1
10
0.01
020
FFM (335kHz)
SSM
VDD = 20V
RL = 8
AV = 16dB
f = 1kHz
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (W)
8
6
4
23
5
7
9
1
10
20
30
40
50
60
70
80
90
100
0
010
VDD = 12V
AV = 16dB
f = 1kHz
RL = 4
RL = 8
Typical Operating Characteristics
(33µH with 4
Ω, 68µH with 8Ω, part in SSM mode, 136µH with 16Ω, measurement BW = 22Hz to 22kHz, unless otherwise noted.)


Similar Part No. - MAX9703

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9703ETJ++ MAXIM-MAX9703ETJ+ Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
More results

Similar Description - MAX9703

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9708 MAXIM-MAX9708 Datasheet
781Kb / 24P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 0; 7/05
MAX9709 MAXIM-MAX9709_V01 Datasheet
1Mb / 20P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
LX1708 MICROSEMI-LX1708 Datasheet
961Kb / 18P
   1515W Stereo Filterless Class-D Amplifier
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
   15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com