Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM2281 Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEM2281
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM2281 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEM2281 Datasheet HTML 1Page - Chino-Excel Technology CEM2281 Datasheet HTML 2Page - Chino-Excel Technology CEM2281 Datasheet HTML 3Page - Chino-Excel Technology CEM2281 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CEM2281
3
-VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
-VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
-VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
2.2
1.9
1.6
1.3
1.0
0.7
0.4
V
GS=-4.5V
I
D=-6.5A
-100
-50
0
50
100
150
200
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
V
DS=VGS
I
D=-250µA
-50
-25
0
25
50
75
100
125
150
-VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
25
20
15
10
5
0
0.0
0.5
2.0
3.0
-V
GS=2V
2.5
1.5
1.0
-V
GS=3V
-V
GS=4.5,4V
15
12
9
6
3
0
0.0
0.6
1.2
1.8
0.3
0.9
1.5
T
J=125 C
-55 C
25 C
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
0.4
0.6
0.8
1.0
10
0
10
-1
10
1
1.4
1.2
V
GS=0V
Ciss
Crss
3600
3000
2400
1800
1200
600
0
0
5
10
15
20
25
30
Coss


Similar Part No. - CEM2281

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM2005 CET-CEM2005 Datasheet
849Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM2082 CET-CEM2082 Datasheet
107Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM2133 CET-CEM2133 Datasheet
379Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEM2281

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com