Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS3500N-A-F Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BS3500N-A-F
Description  Eliminates overvoltage caused by fast rising transients
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BS3500N-A-F Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BS3500N-A-F Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BS3500N-A-F Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BS3500N-A-F Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BS3500N-A-F Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. BS3500N-A-F Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
Thy
Cu
Vo
Sym
T
T
P
V-I
(1)
(2)
(3)
(4)
(5)
Par
Ther
Surg
-Pea
-Ben
for r
to ve
www.ben
yristor Surg
urrent Wavef
oltage Wavef
Ipp
mbol
TJ
Ope
Tem
TS
Stora
Parameters
VDRM
IDRM
VS
IS
IH
VT
IT
CO
I Curve
BS
3500
(1)
(2)
)Bencent Sem
)Off-state Vol
) Package : SM
) Rating Surg
)Flat Feet
rt Numberin
rmal Consid
ge Ratings
ak pulse curre
ncent only ma
reference only
erify the para
ncent.com.c
ge Suppresse
form
form
1
Parameter
erating Juncti
mperature Ran
age Temperat
Range
Pea
O
S
S
H
O
O
Off
0
N
( 3)
miconductor S
ltage,e.g.
:35
MB
ge Voltage:3K
ng System
derations
ent rating (IPP)
akes the test f
y. Bencent w
ameters listed
n
er
8/20
μs
1.2/50
μs
200A
Va
ion
nge
-40 to
ture
-60 to
Definition
ak Off-state V
Off-stateCurr
Switching Vol
Switching Cur
Holding Curr
On-state Volt
On-state Curr
ff-state Capac
A
F
(4)
(5)
Surge Arreste
500=350
×10
KV(10/700
μs)
) is repetitive
for 5/320μs
will not take a
in the above
5/320
10/700
75A
alue
Un
o +150
o +150
n
Voltage
rent
ltage
rrent
rent
tage
rent
citance
er
00=350V
)
and guarante
@150A* (10/
any obligation
table.
Customers sho
μs*
0
μs*
A
nit
M
Pr
eed for the lif
/700
μs@3KV
n for these pa
S
uld verify actua
10/1000
μs
10/1000
μs
50A
Mark
Lead Mater
Body Mater
Terminal Fin
roduct Char
-V
fe of the prod
V),but for oth
arameters, so
Specifications a
al device perfor
Or
B4
B35NA: Pa
1309:Septe
09
rial
rial
UL
am
nish
racteristics
B006
09
B35
13
IS
+I
IDRM
IH
IT
duct;
her IPP value
before apply
BS35
are subject to ch
rmance in their
rder Code:B
Version:
42LC
art Number
ember,2013
909
Copper
L recognized e
mmability clas
100% Matte-
6U2G
909
5NA
309
V
VT
- I
e derived from
ying our parts
500N-A-
hange without n
specific applic
BS3500N-A
A0 2014-06-
Alloy
epoxy meetin
sification 94V
-Tin Plated
G
VS
VDRM
+V
m experience
s, please mak
-F
notice.
ations
-F
-14
ng
V-0
is just
ke sure


Similar Part No. - BS3500N-A-F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS3500N-2C BENCENT-BS3500N-2C Datasheet
212Kb / 4P
   Thyristor Surge Suppresser
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results

Similar Description - BS3500N-A-F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-C-F BENCENT-BS0060N-C-F Datasheet
333Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200N-C-F BENCENT-BS4200N-C-F Datasheet
446Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0640N-2C BENCENT-BS0640N-2C Datasheet
293Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0300N-2C BENCENT-BS0300N-2C Datasheet
276Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com